Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 226 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 226 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 222Page - Silicon Laboratories EM357-RTR Datasheet HTML 223Page - Silicon Laboratories EM357-RTR Datasheet HTML 224Page - Silicon Laboratories EM357-RTR Datasheet HTML 225Page - Silicon Laboratories EM357-RTR Datasheet HTML 226Page - Silicon Laboratories EM357-RTR Datasheet HTML 227Page - Silicon Laboratories EM357-RTR Datasheet HTML 228Page - Silicon Laboratories EM357-RTR Datasheet HTML 229Page - Silicon Laboratories EM357-RTR Datasheet HTML 230Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 241 page
background image
226
Rev 1.3
Table 20.1 contains the temperature profile parameters.
Table 20.1. Solder Reflow Parameters
Parameter
Value
Average Ramp Up Rate (from Tsoakmax to Tpeak)
3 °C per second max
Minimum Soak Temperature (Tsoakmin)
150 °C
Maximum Soak Temperature (Tsoakmax)
200 °C
TL
21 7°C
Time above TL
60–150 seconds
Tpeak
260 + 0 °C
Time within 5 °C of Tpeak
20–40 seconds
Ramp Down Rate
6 °C per second max
Time from 25 °C to Tpeak
8 minutes, max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com