Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPLED625 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPLED625
Description  N-channel 620 V, 1.28 Ω typ., 5.0 A Power MOSFET in I2PAKFP and TO-220 packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPLED625 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPLED625 Datasheet HTML 2Page - STMicroelectronics STPLED625 Datasheet HTML 3Page - STMicroelectronics STPLED625 Datasheet HTML 4Page - STMicroelectronics STPLED625 Datasheet HTML 5Page - STMicroelectronics STPLED625 Datasheet HTML 6Page - STMicroelectronics STPLED625 Datasheet HTML 7Page - STMicroelectronics STPLED625 Datasheet HTML 8Page - STMicroelectronics STPLED625 Datasheet HTML 9Page - STMicroelectronics STPLED625 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STFILED625, STPLED625
6/15
DocID024425 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for I2PAKFP
Figure 3. Thermal impedance for I2PAKFP
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
0.01
AM08241v1
Figure 4. Safe operating area for TO-220
Figure 5. Thermal impedance TO-220
Figure 6. Output characteristics
Figure 7. Transfer characteristics
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
0.01
AM08239v1
ID
6
4
2
0
0
10
VDS(V)
20
(A)
5
15
25
8
10
5V
6V
7V
VGS=10V
AM08243v1
ID
3
2
1
0
0
4
VGS(V)
8
(A)
2
6
4
5
6
7
VDS=15V
AM08244v1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com