Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B130 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # B130
Description  TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B130 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button B130 Datasheet HTML 6Page - Diodes Incorporated B130 Datasheet HTML 7Page - Diodes Incorporated B130 Datasheet HTML 8Page - Diodes Incorporated B130 Datasheet HTML 9Page - Diodes Incorporated B130 Datasheet HTML 10Page - Diodes Incorporated B130 Datasheet HTML 11Page - Diodes Incorporated B130 Datasheet HTML 12Page - Diodes Incorporated B130 Datasheet HTML 13Page - Diodes Incorporated B130 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AP65101
Document number: DS38098 Rev. 2 - 3
13 of 14
www.diodes.com
December 2016
© Diodes Incorporated
AP65101
NOT RECOMMENDED FOR NEW DESIGN
Package Outline Dimensions (All dimensions in mm.)
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
TSOT26
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
TSOT26
D
E1
E1/2
e1
E
E/2
e
A
A2
A1
Seating Plane
0
L2
L
Gauge Plane
01(4x)
01(4x)
c
b
Seating Plane
Y1
C
X
Y
TSOT26
Dim
Min
Max
Typ
A
1.00
A1
0.010
0.100
A2
0.840
0.900
D
2.800
3.000
2.900
E
2.800 BSC
E1
1.500
1.700
1.600
b
0.300
0.450
c
0.120
0.200
e
0.950 BSC
e1
1.900 BSC
L
0.30
0.50
L2
0.250 BSC
θ
0°
8°
4°
θ1
4°
12°
All Dimensions in mm
Dimensions
Value (in mm)
C
0.950
X
0.700
Y
1.000
Y1
3.199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com