Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221FCG-13 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # API9221FCG-13
Description  CAR/WALL OR USB SUPPLY INPUT LITHIUM BATTERY CHARGER WITH OVP USB BYPASS AND 10mA LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221FCG-13 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button API9221FCG-13 Datasheet HTML 6Page - Diodes Incorporated API9221FCG-13 Datasheet HTML 7Page - Diodes Incorporated API9221FCG-13 Datasheet HTML 8Page - Diodes Incorporated API9221FCG-13 Datasheet HTML 9Page - Diodes Incorporated API9221FCG-13 Datasheet HTML 10Page - Diodes Incorporated API9221FCG-13 Datasheet HTML 11Page - Diodes Incorporated API9221FCG-13 Datasheet HTML 12Page - Diodes Incorporated API9221FCG-13 Datasheet HTML 13Page - Diodes Incorporated API9221FCG-13 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
API9221
Document number: DS32204 Rev. 3 - 3
10 of 16
www.diodes.com
June 2016
© Diodes Incorporated
API9221
Functional Characteristics (Cont.)
End-of-Charge Current
During charging, as the battery voltage approaches the regulated value of 4.2V, the charging current will begin to decrease.
Eventually the charging current settles to a value just low enough to maintain the regulated voltage. When the current becomes
less than the End-of-Charge threshold current, IMIN, the logic output CHG goes HIGH. The threshold current is set by an
external resistor connected between the IMIN and GND pins. This is independent of whether the VDC or VUSB input is valid.
The resistor at IMIN determines the EOC threshold current according to
IMIN
MIN
R
550
I
Amp
For example, a resistor value of 10kΩ sets the EOC threshold current to 55mA.
Accuracy
When the constant voltage phase has been reached, the battery is charged to 4.2V ±1%. This is the maximum error over the
ambient temperature range from -40°C to +85°C.
Fault Summary and Protection
Overvoltage protection: If VDC is greater than OVPVDC (6.9V), the VDC charging path is turned off until VDC falls below OVPVDC
- HOVPVDC, where HOVPVDC is the OVP hysteresis. Similarly, if VUSB is greater than OVPVUSB (5.4V), the USB charging path
is turned off until VUSB falls below OVPVUSB – HOVPVUSB.
USB_BYP current limit: The USB_BYP load current is limited to 400mA (Nominally).
USB_BYP reverse blocking: If the voltage at USB_BYP is greater than VUSB, the USB bypass path is turned off.
BAT reverse blocking: If the battery voltage is greater than either VDC or VUSB, the relevant charge path is turned off.
VDC_LDO reverse blocking: If the voltage at VDC_LDO is greater than VDC, the linear regulator is turned off.
Thermal protection: When the junction temperature reaches 125°C, a current foldback circuit is activated. This effectively limits the
power dissipation to a safe level.
Power Supply Filtering and Stability
At each of the inputs VDC and VUSB, a local decoupling capacitor is required to be connected to GND. A minimum value of 1µF
is recommended, ceramic type X7R. (The USB standard sets an upper bound of capacitance somewhat larger than this.)
At the linear regulator output VDC_LDO, a local decoupling capacitor is required, connected to GND. A value of 1µF is
recommended, ceramic type X7R.
At the battery connection BAT, a local decoupling capacitor is required, connected to GND. A value of 1µF is recommended,
ceramic type X7R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com