Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFW3N170 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFW3N170
Description  N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFET in a TO-3PF package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW3N170 Datasheet(HTML) 1 Page - STMicroelectronics

  STFW3N170 Datasheet HTML 1Page - STMicroelectronics STFW3N170 Datasheet HTML 2Page - STMicroelectronics STFW3N170 Datasheet HTML 3Page - STMicroelectronics STFW3N170 Datasheet HTML 4Page - STMicroelectronics STFW3N170 Datasheet HTML 5Page - STMicroelectronics STFW3N170 Datasheet HTML 6Page - STMicroelectronics STFW3N170 Datasheet HTML 7Page - STMicroelectronics STFW3N170 Datasheet HTML 8Page - STMicroelectronics STFW3N170 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
September 2015
DocID023985 Rev 3
1/12
This is information on a product in full production.
www.st.com
STFW3N170
N-channel 1700 V, 7
Ω typ., 2.6 A PowerMESH™
Power MOSFET in a TO-3PF package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STFW3N170
1700 V
13
Ω
2.6 A
63 W
Intrinsic capacitances and Qg minimized
TO-3PF for higher creepage between leads
High speed switching
100% avalanche tested
Applications
Switching applications
Description
This Power MOSFET is designed using the
STMicroelectronics consolidated strip-layout-
based MESH OVERLAY™ process. The result is
a product that matches or improves on the
performance of comparable standard parts from
other manufacturers.
Table 1: Device summary
Order code
Marking
Package
Packing
STFW3N170
3N170
TO-3PF
Tube
1
2
3
TO-3PF


Similar Part No. - STFW3N170

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STFW3N170 ISC-STFW3N170 Datasheet
282Kb / 3P
isc N-Channel MOSFET Transistor
More results

Similar Description - STFW3N170

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD9N80K5 STMICROELECTRONICS-STD9N80K5 Datasheet
387Kb / 19P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a DPAK package
12-Nov-2018
STFW3N150 STMICROELECTRONICS-STFW3N150_V01 Datasheet
677Kb / 22P
N-channel 1500 V, 2.5 A, 6 Ω typ., PowerMESH Power MOSFETs in TO-3PF, H2PAK-2, TO-220 and TO247 packages
12-May-2020
STFW8N120K5 STMICROELECTRONICS-STFW8N120K5 Datasheet
302Kb / 12P
N-channel 1200 V, 1.65 Ω typ., 6 A, MDmesh K5 Power MOSFET in a TO-3PF package
02-Jul-2018
STP110N7F6 STMICROELECTRONICS-STP110N7F6 Datasheet
650Kb / 13P
N-channel 68 V, 0.0055 Ω typ., 110 A, STripFET™ F6 Power MOSFET in a TO-220 package
13-Oct-2016
STP14N80K5 STMICROELECTRONICS-STP14N80K5 Datasheet
725Kb / 14P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220 package
04-Mar-2016
STW30N80K5 STMICROELECTRONICS-STW30N80K5 Datasheet
723Kb / 13P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a TO-247 package
21-Mar-2016
STW3N170 STMICROELECTRONICS-STW3N170 Datasheet
740Kb / 14P
N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFETs in TO-247 and TO-247 long leads packages
14-Sep-2015
STW70N65M2 STMICROELECTRONICS-STW70N65M2 Datasheet
716Kb / 12P
N-channel 650 V, 0.039 Ω typ., 63 A MDmesh™ M2 Power MOSFET in a TO-247 package
04-Feb-2016
STWA3N170 STMICROELECTRONICS-STWA3N170 Datasheet
740Kb / 14P
N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFETs in TO-247 and TO-247 long leads packages
14-Sep-2015
STF5N52U STMICROELECTRONICS-STF5N52U Datasheet
548Kb / 13P
N-channel 525 V, 1.25 Ω typ., 4.4 A, UltraFASTmesh™ Power MOSFET in a TO-220FP package
05-Mar-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com