Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87311AVF Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87311AVF
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311AVF Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button PC87311AVF Datasheet HTML 57Page - National Semiconductor (TI) PC87311AVF Datasheet HTML 58Page - National Semiconductor (TI) PC87311AVF Datasheet HTML 59Page - National Semiconductor (TI) PC87311AVF Datasheet HTML 60Page - National Semiconductor (TI) PC87311AVF Datasheet HTML 61Page - National Semiconductor (TI) PC87311AVF Datasheet HTML 62Page - National Semiconductor (TI) PC87311AVF Datasheet HTML 63Page - National Semiconductor (TI) PC87311AVF Datasheet HTML 64Page - National Semiconductor (TI) PC87311AVF Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 78 page
background image
70 Parallel Port (Continued)
NOTE Normally when the Control Register is read the bit values are
provided by the internal output data latch These bit values can be
superseded by the logic level of the STB AFD INIT and SLIN pins if
these pins are forced high or low by an external voltage In order to
force these pins high or low the corresponding bits should be set to
their inactive state (eg AFD e STB e SLIN e 0 INIT e 1)
80 Integrated Device Electronics
Interface (IDE)
81 INTRODUCTION
Another key interface design facilitated through the use of
the PC87311A12 is the IDE (Intelligent Drive Electronics)
Hard Disk interface Only three buffer chips are required to
construct the IDE Hard Disk Interface circuit (see
Figure
10-3 )
The IDE interface is essentially the AT bus ported to the
hard drive The hard disk controller resides on the hard drive
itself So the IDE interface circuit must provide the AT bus
signals including data bits D15 – D0 address lines A3 – A0
as well as the common control signals These signals are
shown on the 40-pin IDE interface header (see
Figure
10-3 )
82 IDE SIGNALS
Looking at the IDE interface circuit in more detail the
’LS244 provides buffering of the control and address lines
There are four control signals IDEHI IDELO HCS0 HCS1
one status signal IOCS16 and one data signal IDED7 re-
quired by the IDE interface The PC87311A12 provides all
of these signals They are summarized below
IDEHI enables the ’LS245 octal bus transceiver for the up-
per data lines (D15 – D8) during 16-bit read and write opera-
tions at addresses 1F0 – 1F7 IDEHI will activate the ’LS245
only if the IOCS16 output from the hard drive is active IDLO
enables the other ’LS245 octal bus transceiver for the lower
data lines (D7 – D0) during all (1F0 – 1F7 3F6 and 3F7)
reads and writes The IDED7 signal insures that the D7 data
bus signal line is disabled for address 3F7 (this bit is used
for the Disk Changed register on the floppy disk controller at
that address) The two ’LS245 chips are used to enable or
TRI-STATE the data bus signals In the PC-AT mode the
PC87311A12 provides the two hard disk chip selects
(HCS0 HCS1) for the IDE interface The HCS0 output is
active low when the 1F0 – 1F7 (hex) IO address space is
chosen and corresponds to the 1FX signal on the IDE head-
er The HCS1 output is active low when the 3F6 or 3F7 IO
addresses are chosen and corresponds to 3FX on the IDE
header These are the two address blocks used in the
PC-AT hard disk controller The table below summarizes the
addresses used by the PC-AT hard disk controller
TABLE 8-1 IDE Registers and Their ISA Addresses
Address
Read Function
Write Function
1F0
Data
Data
1F1
Error
Features
(Write Precomp)
1F2
Sector Count
Sector Count
1F3
Sector Number
Sector Number
1F4
Cylinder Low
Cylinder Low
1F5
Cylinder High
Cylinder High
1F6
DriveHead
DriveHead
1F7
Status
Command
3F6
Alternate Status
Device Control
3F7
Drive Address
Not Used
(Note)
Data Bus TRI-STATE
Note
Data bus bit D7 is dedicated to the floppy disk controller at this ad-
dress When reading this address the floppy disk controller disk change
status will be provided by bit D7 There is no write function at this address in
the IDE associated with this bit
The equations shown in
Figure 10-2 define the signals of
the PC87311A12 IDE pins A complete IDE interface using
these pins is shown in
Figure 10-3
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com