Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL9113 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PL9113
Description  SMT POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PL9113 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PL9113 Datasheet HTML 1Page - Pulse A Technitrol Company PL9113 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes from Tables
1. Temperature
of
the
component
(ambient
plus
temperature rise) must be within specified operating
temperature range.
2. The rated current as listed is either the saturation current
or the heating current depending on which value is lower.
3. The saturation current is the current which causes
the inductance to drop to 75% of its initial inductance at
zero bias. This current is determined by placing the
component at room ambient (25°C), and applying a short
duration pulse current (to eliminate self-heating effects) to
the component.
4. The heating current is the DC current, which
causes the temperature of the part to increase by
approximately 40°C. This current is determined by extend-
ing the terminals of the component with 30mm length 28
gauge buss wires and applying the current to the device
for 30 minutes. The temperature is measured by placing
the thermocouple between the winding and the shield.
5. In high volt*time applications, additional heating in the
component can occur due to core losses in the inductor
which may necessitate derating the current in order to limit
the temperature rise of the component. In order to deter-
mine the approximate total loss (or temperature rise) for a
given application, both copper losses and core losses
should be taken into account.
SMT POWER INDUCTORS
Shielded Drum Core - PL91XX Series
0%
20%
40%
60%
80%
100%
120%
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Normalized Isat
Inductance vs Current Characteristics
For More Information:
Pulse Worldwide
Headquarters
2 Pearl Buck Court
Bristol, PA 19007
U.S.A.
www.pulseeng.com
Tel: 215 781 6400
Fax: 215 781 6403
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
Tel: 65 6287 8998
Fax: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
Tel: 886 3 4641811
Fax: 886 3 4641911
Pulse China Headquarters
B402, Shenzhen
Tech-Innovation International
Tenth Kejinan Rd.
High-Tech Industrial Park
Nanshan District, Shenzhen
China
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
Tel: 86 21 54643211/2
Fax: 86 21 54643210
Pulse
Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 12
www.pulseeng.com
M121.A (
6/07)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners. © Copyright, 2007. Pulse Engineering, Inc. All rights reserved.
1
2
Schematic
Weight . . . . . . . . 2.5 grams
Tape & Reel . . . . . . 500/reel
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
TAPE & REEL
LAYOUT
.421
10,70
.256
6,50
.177
4,50
Ø
USER DIRECTION
OF FEED
4
3
1
2
.630
16,00
.945 ± .012
24.00 ± 0,30
.421
10,70
PL91XX
Date Code
Country of Origin
PL91XX
Date Code
Country of Origin
PL91XX
Date Code
Country of Origin
4
3
1
2
4
3
1
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com