Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STYN855 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # STYN855
Description  Thyristor Discretes (SCRs)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STYN855 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  STYN855 Datasheet HTML 1Page - Sirectifier Semiconductors STYN855 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STYN255 thru STYN1855
Thyristor Discretes (SCRs)
A
K
G
Dimensions TO-247AD
Symbol
Test Conditions
Unit
TVJ=TVJM
TC=85oC; 180o sine
55
35
A
TVJ=45oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
440
470
390
420
A
ITSM
TVJ=45oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
1140
1100
890
870
A2s
i2t
(di/dt)cr
100
500
A/us
(dv/dt)cr T
VJ
=TVJM;
VDR=2/3VDRM
RGK= ; method 1 (linear voltage rise)
500
V/us
PGM
TVJ=TVJM
tp=30us
IT=ITAVM
tp=300us
5
2.5
W
PGAV
0.5
W
ITRMS
ITAVM
oC
TVJ
TVJM
Tstg
-40...+125
125
-40...+125
Md
Fc
Mounting torque (M3)
Mounting force with clip
0.8...1.2
20...120
Nm
N
Weight
6
g
TVJ=TVJM
repetitive, IT=55A
f=50Hz, tp=200us
VD=2/3VDRM
IG=0.15A
non repetitive, IT=ITAVM
diG/dt=0.15A/us
VRGM
10
V
Maximum Ratings
STYN255~855 / STYN1055~1855
typical
P1
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com
G
A
K
K=Cathode, A=Anode, G=Cate
STYN855
STYN1255
STYN1655
VRRM
V
800
1200
1600
VRSM
V
900
1300
1700
STYN1855
1800
1900
STYN255
STYN655
200
300
600
700
STYN1055
1000
1100
520
560
460
500
1350
1300
1050
1030


Similar Part No. - STYN855

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STYN855 SIRECTIFIER-STYN855 Datasheet
122Kb / 2P
Discrete Thyristors(SCRs)
More results

Similar Description - STYN855

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STYN212 SIRECTIFIER-STYN212_16 Datasheet
307Kb / 2P
Thyristor Discretes(SCRs)
STYN608 SIRECTIFIER-STYN608 Datasheet
324Kb / 2P
Thyristor Discretes(SCRs)
STYN808 SIRECTIFIER-STYN808 Datasheet
324Kb / 2P
Thyristor Discretes(SCRs)
STYN216 SIRECTIFIER-STYN216_16 Datasheet
385Kb / 2P
Thyristor Discretes(SCRs)
STYN875 SIRECTIFIER-STYN875 Datasheet
405Kb / 3P
Thyristor Discretes (SCRs)
STYN208 SIRECTIFIER-STYN208_16 Datasheet
324Kb / 2P
Thyristor Discretes(SCRs)
STYN8110 SIRECTIFIER-STYN8110 Datasheet
324Kb / 2P
Thyristor Discretes (SCRs)
STYN210 SIRECTIFIER-STYN210_16 Datasheet
318Kb / 2P
Thyristor Discretes(SCRs)
STYN230 SIRECTIFIER-STYN230_16 Datasheet
318Kb / 2P
Thyristor Discretes (SCRs)
STYN225 SIRECTIFIER-STYN225_16 Datasheet
305Kb / 2P
Thyristor Discretes(SCRs)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com