Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPS10K60A2 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGIPS10K60A2
Description  Short-circuit rugged IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS10K60A2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGIPS10K60A2 Datasheet HTML 9Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 10Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 11Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 12Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 13Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 14Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 15Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 16Page - STMicroelectronics STGIPS10K60A2 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DocID025667 Rev 3
13/18
STGIPS10K60A2
Application information
18
4.1
Recommendations
•
Input signal HIN,LIN are active-high logic. A 500 k
Ω (typ.) pull down resistor is built-in
for each high side input. If an external RC filter is used, for noise immunity, pay
attention to the variation of the input signal level.
•
To prevent the input signals oscillation, the wiring of each input should be as short as
possible.
•
By integrating an application specific type HVIC inside the module, direct coupling to
MCU terminals without any opto-coupler is possible.
•
Each capacitor should be located as nearby the pins of IPM as possible.
•
Low inductance shunt resistors should be used for phase leg current sensing.
•
Electrolytic bus capacitors should be mounted as close to the module bus terminals as
possible. Additional high frequency ceramic capacitor mounted close to the module
pins will further improve performance.
For further details, refer to AN3338.
Table 12. Recommended operating conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VPN
Supply Voltage
Applied between P-Nu, Nv, Nw
300
400
V
VCC
Control supply voltage
Applied between VCC-GND
12
15
17
V
VBS
High side bias voltage
Applied between VBOOTi-OUTi for
i = U, V, W
11.5
17
V
tdead
Blanking time to
prevent Arm-short
For each input signal
1
µs
fPWM
PWM input signal
-40°C < Tc < 100°C
-40°C < Tj < 125°C
20
kHz
TC
Case operation
temperature
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com