Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB-SMAFST-2H-A-HT Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # PCB-SMAFST-2H-A-HT
Description  SMA(F) Jack 2 Hole Panel Mount with Solder post
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PCB-SMAFST-2H-A-HT Datasheet(HTML) 1 Page - Taoglas antenna solutions

  PCB-SMAFST-2H-A-HT Datasheet HTML 1Page - Taoglas antenna solutions PCB-SMAFST-2H-A-HT Datasheet HTML 2Page - Taoglas antenna solutions PCB-SMAFST-2H-A-HT Datasheet HTML 3Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPE-12-8-140/A/WY
Page 1 of 3
SPECIFICATION
Part No.
: PCB.SMAFST.2H.A.HT
Product Name
: SMA (F) Jack 2 Hole Panel Mount with Solder Post
Termination
Feature
: SMA(F) Jack
2 Hole Panel Mount with Solder Post Termination
Frequency Range: 0~12.4GHz
Finish: Gold
Post Length: 2mm
Total Length: 11.52mm
RoHS Compliant


Similar Part No. - PCB-SMAFST-2H-A-HT

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PCB-SMAFST-2H-B-HT TAOGLAS-PCB-SMAFST-2H-B-HT Datasheet
203Kb / 3P
SMA(F) Jack 2 Hole Panel Mount with Solder post
More results

Similar Description - PCB-SMAFST-2H-A-HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCBSMAFST2HAHT ETC2-PCBSMAFST2HAHT Datasheet
207Kb / 3P
SMA (F) Jack 2 Hole Panel Mount with Solder Post Termination
PCBSMAFST2HBHT ETC2-PCBSMAFST2HBHT Datasheet
208Kb / 3P
SMA (F) Jack 2 Hole Panel Mount with Solder Post Termination
PCBSMAFSTJAHT ETC2-PCBSMAFSTJAHT Datasheet
248Kb / 3P
SMA (F) Surface Mount PCB Jack
PCBSMAFSTJBHT ETC2-PCBSMAFSTJBHT Datasheet
207Kb / 3P
SMA (F) Surface Mount PCB Jack
logo
Taoglas antenna solutio...
PCB-SMAFST-2H-B-HT TAOGLAS-PCB-SMAFST-2H-B-HT Datasheet
203Kb / 3P
SMA(F) Jack 2 Hole Panel Mount with Solder post
PCB-SMAFST-J-A-HT TAOGLAS-PCB-SMAFST-J-A-HT Datasheet
288Kb / 3P
SMA(F) Jack 2 Hole Panel Mount with Solder post
logo
Pasternack Enterprises,...
PE35064LF PASTERNACK-PE35064LF Datasheet
301Kb / 1P
CABLE ASSEMBLY, PE-047SR, SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE 2 HOLE PANEL MOUNT
PE35154 PASTERNACK-PE35154 Datasheet
291Kb / 1P
CABLE ASSEMBLY, PE-SR047FL, SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE 2 HOLE PANEL MOUNT
logo
Wurth Elektronik GmbH &...
60312512114515 WURTH-60312512114515 Datasheet
253Kb / 4P
SMA Panel Jack 2-Hole Flange Straight Solder Cup WR-SMA
REVISION 001.001
60312522114519 WURTH-60312522114519 Datasheet
256Kb / 4P
SMA Panel Jack 4-Hole Flange Straight Solder Cup WR-SMA
REVISION 001.001
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com