Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP18N65M2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP18N65M2
Description  Extremely low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP18N65M2 Datasheet(HTML) 3 Page - STMicroelectronics

  STP18N65M2 Datasheet HTML 1Page - STMicroelectronics STP18N65M2 Datasheet HTML 2Page - STMicroelectronics STP18N65M2 Datasheet HTML 3Page - STMicroelectronics STP18N65M2 Datasheet HTML 4Page - STMicroelectronics STP18N65M2 Datasheet HTML 5Page - STMicroelectronics STP18N65M2 Datasheet HTML 6Page - STMicroelectronics STP18N65M2 Datasheet HTML 7Page - STMicroelectronics STP18N65M2 Datasheet HTML 8Page - STMicroelectronics STP18N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DocID026870 Rev 2
3/15
STI18N65M2, STP18N65M2
Electrical ratings
15
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
12
A
ID
Drain current (continuous) at TC = 100 °C
8
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
48
A
PTOT
Total dissipation at TC = 25 °C
110
W
dv/dt (2)
2.
ISD ≤ 12 A, di/dt ≤ 400 A/µs; VDS peak < V(BR)DSS, VDD=400 V.
Peak diode recovery voltage slope
15
V/ns
dv/dt(3)
3.
VDS ≤ 520V
MOSFET dv/dt ruggedness
50
V/ns
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
1.14
°C/W
Rthj-amb Thermal resistance junction-ambient max
62.5
Table 4. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not
repetitive (pulse width limited by Tjmax)
2A
EAS
Single pulse avalanche energy
(starting Tj =25 °C, ID =IAR; VDD =50V)
450
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com