Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL4P3LLH6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL4P3LLH6
Description  High avalanche ruggedness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL4P3LLH6 Datasheet(HTML) 4 Page - STMicroelectronics

  STL4P3LLH6 Datasheet HTML 1Page - STMicroelectronics STL4P3LLH6 Datasheet HTML 2Page - STMicroelectronics STL4P3LLH6 Datasheet HTML 3Page - STMicroelectronics STL4P3LLH6 Datasheet HTML 4Page - STMicroelectronics STL4P3LLH6 Datasheet HTML 5Page - STMicroelectronics STL4P3LLH6 Datasheet HTML 6Page - STMicroelectronics STL4P3LLH6 Datasheet HTML 7Page - STMicroelectronics STL4P3LLH6 Datasheet HTML 8Page - STMicroelectronics STL4P3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STL4P3LLH6
4/13
DocID024616 Rev 2
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified).
Table 4. On/off states
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = 250 µA
30
V
IDSS
Zero gate voltage drain
current
VGS =0 V, VDS =30V
1
µA
VGS =0 V, VDS =30V,
TJ =125 °C
10
IGSS
Gate body leakage current
VDS = 0 V, VGS = ±20 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1
2.5
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 2 A
0.048
0.056
Ω
VGS = 4.5 V, ID = 2 A
0.075
0.09
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Ciss
Input capacitance
VDS = 25 V, f=1 MHz,
VGS =0 V
-639
-
pF
Coss
Output capacitance
-
79
-
Crss
Reverse transfer
capacitance
-52
-
Qg
Total gate charge
VDD = 15 V, ID = 4 A,
VGS =4.5 V
-6
-
nC
Qgs
Gate-source charge
-
1.9
-
Qgd
Gate-drain charge
-
2.1
-
Table 6. Switching times
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
td(on)
Turn-on delay time
VDD= 15 V, ID = 4 A,
RG =4.7 Ω, VGS =10V
-5.4
-
ns
tr
Rise time
-
5
-
td(off)
Turn-off delay time
-
19.2
-
tf
Fall time
-
3.4
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com