Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL8P2UH7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL8P2UH7
Description  Switching applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8P2UH7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL8P2UH7 Datasheet HTML 2Page - STMicroelectronics STL8P2UH7 Datasheet HTML 3Page - STMicroelectronics STL8P2UH7 Datasheet HTML 4Page - STMicroelectronics STL8P2UH7 Datasheet HTML 5Page - STMicroelectronics STL8P2UH7 Datasheet HTML 6Page - STMicroelectronics STL8P2UH7 Datasheet HTML 7Page - STMicroelectronics STL8P2UH7 Datasheet HTML 8Page - STMicroelectronics STL8P2UH7 Datasheet HTML 9Page - STMicroelectronics STL8P2UH7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STL8P2UH7
6/14
DocID025128 Rev 2
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Gate charge vs gate-source
voltage
Figure 7: Static drain-source on-resistance
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
at
ion
in
thi
s ar
ea
is
Li
m
ite
d
by
m
ax
R
D
S(o
n)
10ms
1ms
100µs
0.01
Tj=150°C
Tpcb=25°C
Single pulse
GIPG210520141011SA
Single pulse
δ=0.5
0.05
0.02
0.01
0.1
0.2
K
10
tp(s)
-4
10
-3
10
-2
10
-5
10
-3
10
-2
10
-1
10
0
10
-1
GIPG210520141036SA
ID
15
5
0
0
2
VDS(V)
6
(A)
4
VGS=2.5, 3, 3.5, 4, 4.5, 5V
10
20
8
2V
1.5V
GIPG210520141044SA
ID
8.00
0.00
0
1
VGS(V)
2
(A)
0.5
1.5
4.00
12.00
VDS=2V
GIPG210520141055SA
VGS
3
2
1
0
0
10
Qg(nC)
(V)
4
15
20
VDD=16V
ID=8A
5
GIPG210520141101SA
RDS(on)
19.0
18.5
18.0
0
2
ID(A)
(m
Ω)
1
3
19.5
VGS=4.5V
4
5
20.0
20.5
6
GIPG210520141102SA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com