Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI7448DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7448DP
Description  N-Channel 20-V (D-S) Fast Switching MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7448DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7448DP Datasheet HTML 1Page - Vishay Siliconix SI7448DP Datasheet HTML 2Page - Vishay Siliconix SI7448DP Datasheet HTML 3Page - Vishay Siliconix SI7448DP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si7448DP
Vishay Siliconix
www.vishay.com
2
Document Number: 71635
S-31728—Rev. B, 18-Aug-03
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.6
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 16 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 16 V, VGS = 0 V, TJ = 85_C
20
mA
On-State Drain CurrentNO TAG
ID(on)
VDS w 5 V, VGS = 4.5 V
50
A
Drain-Source On-State ResistanceNO TAG
rDS(on)
VGS = 4.5 V, ID = 22 A
0.0054
0.0065
W
Drain-Source On-State ResistanceNO TAG
rDS(on)
VGS = 2.5 V, ID = 19 A
0.0075
0.009
W
Forward TransconductanceNO TAG
gfs
VDS = 15 V, ID = 22 A
90
S
Diode Forward VoltageNO TAG
VSD
IS = 3 A, VGS = 0 V
0.8
1.2
V
DynamicNO TAG
Total Gate Charge
Qg
38
50
Gate-Source Charge
Qgs
VDS = 10 V, VGS = 4.5 V, ID = 21 A
8
nC
Gate-Drain Charge
Qgd
8.5
Gate-Resistance
Rg
0.2
0.9
1.1
W
Turn-On Delay Time
td(on)
22
35
Rise Time
tr
VDD = 10 V, RL = 10 W
22
35
Turn-Off Delay Time
td(off)
VDD = 10 V, RL = 10 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
125
190
ns
Fall Time
tf
60
90
Source-Drain Reverse Recovery Time
trr
IF = 3 A, di/dt = 100 A/ms
60
90
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
012345
VGS = 4.5 thru 2.5 V
25
_C
TC = 125_C
2 V
-55
_C
1.5 V
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com