Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9986 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9986
Description  Buffered H-Bridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9986 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9986 Datasheet HTML 1Page - Vishay Siliconix SI9986 Datasheet HTML 2Page - Vishay Siliconix SI9986 Datasheet HTML 3Page - Vishay Siliconix SI9986 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si9986
Vishay Siliconix
www.vishay.com
2
Document Number: 70007
S-40131—Rev. E, 16-Feb-04
ABSOLUTE MAXIMUM RATINGSa
Voltage on any pin with respect to ground
−0.3 V to VDD +0.3 V
. . . . . . . . . . .
Voltage on pins 5, 8 with respect to GND
−1 V to VDD +1 V
. . . . . . . . . . . . . .
Voltage on pins 1, 4
−0.3 V to GND +1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Output Current
1.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65 to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature (TJ)
150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum VDD
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipationb
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
qJA
100_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
Si9986CY
0 to 70_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Si9986DY
−40 to 85_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 10 mW/_C above 25_C.
RECOMMENDED OPERATING RANGE
VDD
3.8 V to 13.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature (TJ)
125_C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
SPECIFICATIONS
Test Conditions
Unless Otherwise Specified
VDD = 3 8 to 13 2 V
Limits
C Suffix, 0 to 70_C
D Suffix, −40 to 85_C
Parameter
Symbol
VDD = 3.8 to 13.2 V
SA @ GND, SB @ GND
Mina
Typb
Maxa
Unit
Input
Input Voltage High
VINH
2
V
Input Voltage Low
VINL
1
V
Input Current with Input Voltage High
IINH
VIN = 2 V
1
mA
Input Current with Input Voltage Low
IINL
VIN = 0 V
−1
mA
Output
IOUT = −500 mA
VDD = 10.8 V
10.5
10.7
Output Voltage High
VOUTH
IOUT = −500 mA
VDD = 4.5 V
4.1
4.3
IOUT = −300 mA, VDD = 3.8 V
3.4
3.7
V
IOUT = 500 mA
VDD = 10.8 V
0.2
0.3
V
Output Voltage Low
VOUTL
IOUT = 500 mA
VDD = 4.5 V
0.2
0.4
pg
OUTL
IOUT = 300 mA, VDD = 3.8 V
0.1
0.4
Output Leakage Current High
IOLH
INA = INB w 2 V, VOUT = VDD = 13.2 V
−10
0
mA
Output Leakage Current Low
IOLL
VOUT = 0, VDD = 13.2 V
0
10
mA
Output V Clamp High
VCLH
INA = INB w 2 V
IOUT = 100 mA
VDD +0.7
V
Output V Clamp Low
VCLL
INA = INB w 2 V
IOUT = −100 mA
−0.7
V
Supply
VDD Supply Current
IDD
IN = 100 kHz, VDD = 5 V
2
mA
VDD Supply Current
IDD
INA = INB = 4.5 V, VDD = 5.5 V
300
mA
Dynamic
Propogation Delay Time
TPLH
VDD = 5 V
300
nS
Propogation Delay Time
TPHL
VDD = 5 V
100
nS
Notes
a.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com