Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP02WI Datasheet(PDF) 1 Page - NEC

Part # NP02WI
Description  INTERACTIVE EBEAM MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP02WI Datasheet(HTML) 1 Page - NEC

  NP02WI Datasheet HTML 1Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ORDER CODE: NP02Wi
NEC INTERACTIVE EBEAM MODULE INCLUDING WHITEBOARD SOFTWARE
NEC NP02Wi INTERACTIVE EBEAM MODULE
The NP02Wi interactive module with eBeam® interactive
whiteboard software and stylus in combination with NECs
ultra-short throw UM Series projectors transforms any existing
flat surface into an interactive workspace.
Delivering Genuine Benefits
Quick and easy installation
Existing surfaces can be used
Easy upgrade of already installed units
Use with the new UM Series projectors
eBeam® interactive whiteboard software for business and
educational purposes included
Example Installation with NEC UM Series projector
NEC Information:
Call: 131 632
Email: contactus@nec.com.au
au.nec.com
TECHNICAL SPECIFICATIONS
SENSOR UNIT
WEIGHT (G)
110
DIMENSIONS (L X W X H IN MM)
27x178x70
POWER CONSUMPTION
100mA/5V; 500mW
CONNECTION TYPE
USB
SMALLEST SUPPORTED
CAPTURE AREA
58” Diagonal UM330W/UM280W ( WXGA)
61,5” Diagonal UM330X / UM280X (XGA)
LARGEST SUPPORTED
CAPTURE AREA
100” Diagonal UM330W/UM280W (WXGA)
106” Diagonal UM330X/UM280X (XGA)
WARRANTY
3 years
STYLUS NP01PI 60003316
WEIGHT (G)
34 ( does not incl. weight of battery)
LENGTH (CM)
14.2
DIAMETER (MM)
18.63
BUTTONS
2
VOLTAGE (V)
1.0-1.7
BATTERY
1 AAA
BATTERY LIFE
40 hours continuous use
WARRANTY
3 years
eBEAM® INTERACTIVE WHITEBOARD SOFTWARE
eBeam WORKSPACE
Windows and Mac
SHIPPING CONTENT
1 x Sensor unit (NP02Wi)
1 x USB cable (4,5m)
1 x Stylus pen
2 x Battery (AAA)
1 x Installation Manual
1 x Replacement tip for Stylus pen
1 x CD-ROM (Application)
For additional pictures and Solutions overview,
visit www.nec-display-solutions.com for details.
This document is © copyright 2014 NEC Australia. All rights are reserved in favour of their respective owners. The document, or parts
thereof, should not be copied, adapted, redistributed, or otherwise used without the prior written permission of NEC Australia. This
document is provided “as is” without warranty of any kind whatsoever, either express or implied. Errors and omissions are excepted.
NEC Australia may make changes, revisions or improvements in, or discontinue the supply of any product described or referenced in
this document at any time without notice. July 2014


Similar Part No. - NP02WI

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
NP0201 YAGEO-NP0201 Datasheet
469Kb / 23P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - NP02WI

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FSW170280-50 SYNERGY-FSW170280-50 Datasheet
807Kb / 7P
INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW35105-100 SYNERGY-LFSW35105-100 Datasheet
467Kb / 7P
INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW60170-50 SYNERGY-LFSW60170-50 Datasheet
553Kb / 3P
INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-110250-10 SYNERGY-MTS2500-110250-10 Datasheet
767Kb / 8P
INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-200400-10 SYNERGY-MTS2500-200400-10 Datasheet
667Kb / 8P
INTELLIGENT INTERACTIVE SYNTHESIZER
FSW60135-50 SYNERGY-FSW60135-50 Datasheet
564Kb / 7P
INTELLIGENT INTERACTIVE SYNTHESIZER
logo
Panasonic Semiconductor
ET-PEN100 PANASONIC-ET-PEN100 Datasheet
40Kb / 1P
Interactive pen
logo
NEC
NP03WI NEC-NP03WI Datasheet
530Kb / 1P
INTERACTIVE MULTI-PEN MODULE
logo
Bosch Sensortec GmbH
BML100PI BOSCH-BML100PI Datasheet
214Kb / 2P
Interactive Projection Module
logo
SYNERGY MICROWAVE CORPO...
MFSH432493-100 SYNERGY-MFSH432493-100 Datasheet
480Kb / 7P
INTELLIGENT INTERACTIVE SYNTHESIZER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com