Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP03WI Datasheet(PDF) 1 Page - NEC

Part # NP03WI
Description  INTERACTIVE MULTI-PEN MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP03WI Datasheet(HTML) 1 Page - NEC

  NP03WI Datasheet HTML 1Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ORDER CODE: NP03Wi
NEC NP03Wi INTERACTIVE MULTI-PEN MODULE
The NP03Wi interactive multi-pen module in combination with NECs ultra-
short throw UM Series or M2 short-throw projectors transforms any existing
This document is © Copyright 2015 NEC Australia Pty Ltd.All rights are reserved in favour of their respective owners. The document, or parts
thereof, should not be copied, adapted, redistributed, or otherwise used without the prior written permission of NEC Australia Pty Ltd. This
document is provided “as is” without warranty of any kind whatsoever, either express or implied. Errors and omissions are excepted.
NEC Australia Pty Ltd may make changes, revisions or improvements in, or discontinue the supply of any product described or referenced in
this document at any time without notice. 25.3.2015
NEC Information:
Call: 131 632
Email: contactus@nec.com.au
au.nec.com
NEC INTERACTIVE MULTI-PEN MODULE
Delivering Genuine Benefits
Multi-Pen support including gestures
High responsiveness and performance
Fast and easy auto-calibration
Existing surfaces can be used
Easy upgrade of existing non-interactive projectors
2x super-fast charging pens included
Free DisplayNote Multiuser Licence – present, share, collaborate
with up to 5 participants across multiple devices.
SENSOR UNIT
Connection type
USB
Largest supported capture
area
100” Diagonal
Warranty
3years
Compatibility
UM Series
M2 Short-throw
STYLUS NP02Pi
Type of power supply
Re-chargeable super-capacitor
Charging / operating time
3 min. charging for 4 hours conti-
nous use
Warranty
3 years
CALIBRATION SOFTWARE
Supported OS
Windows and Mac
Shipping content
1 x Sensor unit (NP03Wi)
1 x USB cable (4,5m)
2 x Stylus pen incl. charging cable
1 x Installation Manual
1 x CD-ROM (Calibration Software)
For additional pictures and Solutions overview,
visit au.nec.com for details.
TECHNICAL SPECIFICATIONS
INSTALLATION EXAMPLES
*projectors not included
M Series
UM Series
flat surface into an interactive workspace


Similar Part No. - NP03WI

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NP03SB100M TAIYO-YUDEN-NP03SB100M Datasheet
249Kb / 6P
SMD INDUCTORS
NP03SB150M TAIYO-YUDEN-NP03SB150M Datasheet
249Kb / 6P
SMD INDUCTORS
NP03SB1R0M TAIYO-YUDEN-NP03SB1R0M Datasheet
249Kb / 6P
SMD INDUCTORS
NP03SB220M TAIYO-YUDEN-NP03SB220M Datasheet
249Kb / 6P
SMD INDUCTORS
NP03SB2R7M TAIYO-YUDEN-NP03SB2R7M Datasheet
249Kb / 6P
SMD INDUCTORS
More results

Similar Description - NP03WI

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ET-PEN100 PANASONIC-ET-PEN100 Datasheet
40Kb / 1P
Interactive pen
logo
NEC
NP02WI NEC-NP02WI Datasheet
1Mb / 1P
INTERACTIVE EBEAM MODULE
U321HGI NEC-U321HGI Datasheet
530Kb / 2P
NEC Interactive Multi-Pen Projector
UM301XGI NEC-UM301XGI Datasheet
455Kb / 2P
NEC Interactive Multi-Pen Projector
UM361XGI NEC-UM361XGI Datasheet
440Kb / 2P
NEC Interactive Multi-Pen Projector
logo
Bosch Sensortec GmbH
BML100PI BOSCH-BML100PI Datasheet
214Kb / 2P
Interactive Projection Module
logo
PHOENIX CONTACT
2701379 PHOENIX-2701379 Datasheet
47Kb / 1P
Touch pen - TOUCH PEN
0815211 PHOENIX-0815211 Datasheet
56Kb / 3P
Disposable pen, non-refillable - P-PEN
09/11/2020
5067828 PHOENIX-5067828 Datasheet
62Kb / 3P
Marker pen - CMS-PEN 0,35
09/12/2020
5146686 PHOENIX-5146686 Datasheet
53Kb / 3P
Marker pen - CMS-DISPOSABLE-PEN 0,35 TR
09/12/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com