Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STA1837 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2STA1837
Description  PNP power bipolar transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STA1837 Datasheet(HTML) 1 Page - STMicroelectronics

  2STA1837 Datasheet HTML 1Page - STMicroelectronics 2STA1837 Datasheet HTML 2Page - STMicroelectronics 2STA1837 Datasheet HTML 3Page - STMicroelectronics 2STA1837 Datasheet HTML 4Page - STMicroelectronics 2STA1837 Datasheet HTML 5Page - STMicroelectronics 2STA1837 Datasheet HTML 6Page - STMicroelectronics 2STA1837 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
March 2010
Doc ID 15402 Rev 2
1/7
7
2STA1837
PNP power bipolar transistor
Features
■ High breakdown voltage VCEO = -230 V
■ Complementary to 2STC4793
■ High transition frequency, typical fT = 70 MHz
Applications
■ Audio power amplifier
■ Drive stage amplifier
Description
This device is a PNP transistor manufactured
using new “PB-HDC” (power bipolar high density
current) technology. The resulting transistor
shows good gain linearity behavior.
Figure 1.
Internal schematic diagram
TO-220FP
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
2STA1837
2STA1837
TO-220FP
Tube
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - 2STA1837

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2STA1694 STMICROELECTRONICS-2STA1694 Datasheet
95Kb / 7P
High power PNP epitaxial planar bipolar transistor
15-May-2008
2STA1695 STMICROELECTRONICS-2STA1695 Datasheet
214Kb / 9P
High power PNP epitaxial planar bipolar transistor
18-May-2007
2STA1943 STMICROELECTRONICS-2STA1943 Datasheet
187Kb / 9P
High power PNP epitaxial planar bipolar transistor
12-Dec-2007
2STA1962 STMICROELECTRONICS-2STA1962 Datasheet
180Kb / 9P
High power PNP epitaxial planar bipolar transistor
15-Jul-2008
More results

Similar Description - 2STA1837

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N2905A MICROSEMI-2N2905A Datasheet
508Kb / 2P
PNP BIPOLAR TRANSISTOR
2N2907A MICROSEMI-2N2907A Datasheet
64Kb / 2P
PNP BIPOLAR TRANSISTOR
2N3251A MICROSEMI-2N3251A Datasheet
64Kb / 2P
PNP BIPOLAR TRANSISTOR
2N4033 MICROSEMI-2N4033 Datasheet
489Kb / 2P
PNP BIPOLAR TRANSISTOR
logo
New Jersey Semi-Conduct...
2N2063A NJSEMI-2N2063A Datasheet
237Kb / 1P
Transistor, Bipolar, CE PNP Power
logo
Solid States Devices, I...
TR0089 SSDI-TR0089 Datasheet
34Kb / 2P
PNP POWER DARLINGTON BIPOLAR TRANSISTOR
logo
Taiwan Semiconductor Co...
2SA2029-Q TSC-2SA2029-Q Datasheet
706Kb / 3P
PNP Bipolar Transistor
logo
NXP Semiconductors
PHPT610030PK NXP-PHPT610030PK Datasheet
248Kb / 15P
PNP/PNP high power double bipolar transistor
22 October 2014
logo
Nexperia B.V. All right...
PHPT610030PK NEXPERIA-PHPT610030PK Datasheet
727Kb / 15P
PNP/PNP high power double bipolar transistor
22 October 2014
logo
GUANGDONG HOTTECH INDUS...
2SB507 HOTTECH-2SB507 Datasheet
471Kb / 3P
BIPOLAR TRANSISTOR (PNP)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com