Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STC4793 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2STC4793
Description  NPN power bipolar transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STC4793 Datasheet(HTML) 1 Page - STMicroelectronics

  2STC4793 Datasheet HTML 1Page - STMicroelectronics 2STC4793 Datasheet HTML 2Page - STMicroelectronics 2STC4793 Datasheet HTML 3Page - STMicroelectronics 2STC4793 Datasheet HTML 4Page - STMicroelectronics 2STC4793 Datasheet HTML 5Page - STMicroelectronics 2STC4793 Datasheet HTML 6Page - STMicroelectronics 2STC4793 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
March 2010
Doc ID 15401 Rev 2
1/7
7
2STC4793
NPN power bipolar transistor
Features
■ High breakdown voltage VCEO = 230 V
■ Complementary to 2STA1837
■ High transition frequency, typical fT = 100 MHz
Applications
■ Audio power amplifier
■ Drive stage amplifier
Description
This device is a NPN transistor manufactured
using new “PB-HDC” (power bipolar high density
current) technology. The resulting transistor
shows good gain linearity behavior.
Figure 1.
Internal schematic diagram
1
2
3
TO-220FP
Table 1.
Device summary
Order code
Marking
Package
Packaging
2STC4793
2STC4793
TO-220FP
Tube
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - 2STC4793

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2STC4467 STMICROELECTRONICS-2STC4467 Datasheet
96Kb / 7P
High power NPN epitaxial planar bipolar transistor
30-Apr-2008
2STC4468 STMICROELECTRONICS-2STC4468 Datasheet
213Kb / 9P
High power NPN epitaxial planar bipolar transistor
21-May-2007
More results

Similar Description - 2STC4793

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6578 SEME-LAB-2N6578 Datasheet
17Kb / 2P
NPN BIPOLAR POWER DARLINGTON TRANSISTOR
logo
Microsemi Corporation
JAN2N2369A MICROSEMI-JAN2N2369A Datasheet
75Kb / 2P
NPN BIPOLAR TRANSISTOR
logo
ON Semiconductor
BUL146G ONSEMI-BUL146G Datasheet
229Kb / 11P
SWITCHMODE NPN Bipolar Power Transistor
April, 2010 ??Rev. 9
MJE16204 ONSEMI-MJE16204 Datasheet
127Kb / 12P
NPN Bipolar Power Deflection Transistor
April, 2001 ??Rev. 2
logo
NXP Semiconductors
PHPT610030NK NXP-PHPT610030NK Datasheet
250Kb / 15P
NPN/NPN high power double bipolar transistor
20 October 2014
PHPT610035NK NXP-PHPT610035NK Datasheet
250Kb / 16P
NPN/NPN high power double bipolar transistor
14 October 2014
logo
eleflow technologies co...
MRF410 ELEFLOW-MRF410 Datasheet
92Kb / 1P
NPN Bipolar RF power transistor
logo
Nexperia B.V. All right...
PHPT610030NK-Q NEXPERIA-PHPT610030NK-Q Datasheet
283Kb / 14P
NPN/NPN high power double bipolar transistor
10 February 2023
PHPT610030NK NEXPERIA-PHPT610030NK Datasheet
280Kb / 14P
NPN/NPN high power double bipolar transistor
10 September 2020
PHPT610035NK NEXPERIA-PHPT610035NK Datasheet
280Kb / 14P
NPN/NPN high power double bipolar transistor
10 September 2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com