Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STF1525 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 2STF1525
Description  Low voltage high performance NPN power transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STF1525 Datasheet(HTML) 5 Page - STMicroelectronics

  2STF1525 Datasheet HTML 1Page - STMicroelectronics 2STF1525 Datasheet HTML 2Page - STMicroelectronics 2STF1525 Datasheet HTML 3Page - STMicroelectronics 2STF1525 Datasheet HTML 4Page - STMicroelectronics 2STF1525 Datasheet HTML 5Page - STMicroelectronics 2STF1525 Datasheet HTML 6Page - STMicroelectronics 2STF1525 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2STF1525
Package mechanical data
Doc ID 15794 Rev 2
5/7
SOT-89 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.40
1.60
B
0.44
0.56
B1
0.36
0.48
C
0.35
0.44
C1
0.35
0.44
D
4.40
4.60
D1
1.62
1.83
E2.29
2.60
e
1.42
1.57
e1
2.92
3.07
H3.94
4.25
K1°
8°
L0.89
1.20
R0.25
7098166_C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com