Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STN2550 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2STN2550
Description  Low voltage high performance PNP power transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STN2550 Datasheet(HTML) 3 Page - STMicroelectronics

  2STN2550 Datasheet HTML 1Page - STMicroelectronics 2STN2550 Datasheet HTML 2Page - STMicroelectronics 2STN2550 Datasheet HTML 3Page - STMicroelectronics 2STN2550 Datasheet HTML 4Page - STMicroelectronics 2STN2550 Datasheet HTML 5Page - STMicroelectronics 2STN2550 Datasheet HTML 6Page - STMicroelectronics 2STN2550 Datasheet HTML 7Page - STMicroelectronics 2STN2550 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2STF2550 - 2STN2550
Electrical characteristics
3/8
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = -50 V
-0.1
μA
IEBO
Emitter cut-off current
(IC = 0)
VEB = -4 V
-0.1
μA
V(BR)CBO
Collector-base
breakdown voltage
(IE = 0)
IC = -100 μA-50
V
V(BR)CEO
(1)
1.
Pulsed duration = 300
μs, duty cycle ≤1.5%
Collector-emitter
breakdown voltage
(IB = 0)
IC = -10 mA
-50
V
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE = -100 μA-5
V
hFE
(1)
DC current gain
IC = -0.5 A
VCE = -2 V
IC = -2 A
VCE = -2 V
IC = -3 A
VCE = -2 V
IC = -5 A
VCE = -5 V
110
80
350
70
350
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = -3 A
IB = -300 mA
-0.39
-0.55
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = -3 A
IB = -300 mA
-1
-1.2
V
CCBO
Collector-base
capacitance (IE = 0)
VCB = -10 V, f = 1 MHz
30
pF
ton
toff
Resistive load
Turn-on time
Turn-off time
IC = -1.5 A
VCC = -10 V
IB1 = -IB2 = -150 mA
80
3 00
ns
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com