Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALED7707T Datasheet(PDF) 21 Page - STMicroelectronics

Part # ALED7707T
Description  6-row 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED7707T Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ALED7707T Datasheet HTML 17Page - STMicroelectronics ALED7707T Datasheet HTML 18Page - STMicroelectronics ALED7707T Datasheet HTML 19Page - STMicroelectronics ALED7707T Datasheet HTML 20Page - STMicroelectronics ALED7707T Datasheet HTML 21Page - STMicroelectronics ALED7707T Datasheet HTML 22Page - STMicroelectronics ALED7707T Datasheet HTML 23Page - STMicroelectronics ALED7707T Datasheet HTML 24Page - STMicroelectronics ALED7707T Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
DocID027854 Rev 2
21/36
ALED7707
Operation description
36
Figure 15. PWM dimming waveforms
5.3
Fault management
The main loop keeps the row having the lowest voltage drop regulated to about 700 mV. This
value slightly depends on the voltage across the remaining active rows. After the soft- start
sequence, all protections turn active and the voltage across the active current generators is
monitored to detect shorted LEDs.
5.3.1
FAULT pin
The FAULT pin is an open-collector output, (with 4 mA current capability) active low, which
gives information regarding faulty conditions eventually detected. This pin can be used
either to drive a status LED or to warn the host system.
The FAULT pin status is strictly related to the MODE pin setting (see Table 6 for details).
5.3.2
MODE pin
The MODE pin is a digital input and can be connected to AVCC or SGND in order to choose
the desired fault detection and management. The ALED7707 can manage a faulty condition
in two different ways, according to the application needs. Table 6 summarizes how the
device detects and handles the internal protections related to the boost section (overcurrent,
overtemperature and overvoltage) and to the current generators section (open and shorted
LEDs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com