Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BULT3P3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BULT3P3
Description  Medium voltage fast-switching PNP power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BULT3P3 Datasheet(HTML) 3 Page - STMicroelectronics

  BULT3P3 Datasheet HTML 1Page - STMicroelectronics BULT3P3 Datasheet HTML 2Page - STMicroelectronics BULT3P3 Datasheet HTML 3Page - STMicroelectronics BULT3P3 Datasheet HTML 4Page - STMicroelectronics BULT3P3 Datasheet HTML 5Page - STMicroelectronics BULT3P3 Datasheet HTML 6Page - STMicroelectronics BULT3P3 Datasheet HTML 7Page - STMicroelectronics BULT3P3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BULT3P3
Electrical characteristics
Doc ID 16300 Rev 1
3/8
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE = 0)
VCE = - 300 V
VCE = - 300 V TC = 125 °C
-0.1
-0.5
mA
mA
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE = - 10 mA
-6
-12
V
VCEO(sus)
(1)
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2 %
Collector-emitter
sustaining voltage
(IB = 0)
IC = - 10 mA
-200
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = - 0.7 A
IB = - 0.1 A
IC = - 1 A _ _ IB = - 0.2 A
-0.5
-0.5
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = - 0.5 A__ IB = - 0.1 A
IC = - 1 A ___ IB = - 0.2 A
IC = - 2 A ___ IB = - 0.4 A
-1.0
-1.1
-1.3
V
V
V
hFE
DC current gain
IC = - 10mA
VCE = - 5 V
IC = - 0.75 A
VCE = - 5 V
IC = - 2 A
VCE = - 5 V
10
22
4
28
36
tr
ts
tf
Resistive load
Rise time
Storage time
Fall time
IC = - 0.7 A _ VCC = - 150 V
IB(on) = - IB(off) = 140 mA
Tp = 30 µs
60
1.2
70
1.6
100
ns
µs
ns
ts
tf
Inductive load
Storage time
Fall time
IC = - 1 A _ IB(on) = 100 mA
VBE(off) = 5 V
Rbb = 0
Vclamp = 150 V L = 1 mH
110
35
180
70
ns
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com