Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDCPOE05 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SPDCPOE05
Description  Power over ethernet 10 W module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPDCPOE05 Datasheet(HTML) 2 Page - STMicroelectronics

  SPDCPOE05 Datasheet HTML 1Page - STMicroelectronics SPDCPOE05 Datasheet HTML 2Page - STMicroelectronics SPDCPOE05 Datasheet HTML 3Page - STMicroelectronics SPDCPOE05 Datasheet HTML 4Page - STMicroelectronics SPDCPOE05 Datasheet HTML 5Page - STMicroelectronics SPDCPOE05 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Description
SPDCPOE05
2/6
Rev 1
1
Description
SPDCPOE05 is a power module specifically designed to provide an isolated, low-voltage
power source to a remote powered device (PD) in power over ethernet (PoE) applications.
SPDCPOE05 has full functional compliance with IEEE802.3af. It is designed to extract
power from Ethernet cable when sourced by power sourcing equipment (PSE) also
conforming to IEEE802.3af. SPDCPOE05 is rated 10 W and incorporate PD detection and
PD classification current signatures required for the PSE. The module is compatible with PD
classifications class 0. In addition to a fully integrated DC-DC converter, each SPDCPOE05
power module incorporates internal input diode bridges to support both data line and spare
line pair standard ethernet connections, a transient suppressor for input over-voltage
protection, and an EMI filter to ensure noise compatibility with Ethernet data signals. Other
features include: input under voltage lockout (UVLO), soft-start, over-current and short-
circuit protection.
Table 2.
Pin description
No
Pin name
I/O
Description
J1-1
TX +
I
Ethernet in data line
J1-2
TX -
I
Ethernet in data line
J1-3
RX +
I
Ethernet in data line
J1-4
SP1
I
Ethernet in spare line
J1-5
SP1
I
Ethernet in spare line
J1-6
RX -
I
Ethernet in data line
J1-7
SP2
I
Ethernet in spare line
J1-8
SP2
I
Ethernet in spare line
J2-1
TD +
O
Ethernet out data line
J2-2
TD -
O
Ethernet out data line
J2-3
RD +
O
Ethernet out data line
J2-4
n.c.
J2-5
n.c.
J2-6
RD-
O
Ethernet out data line
J2-7
n.c.
J2-8
n.c.
J3-1
Vout +
O
Power output +5 Volt
J3-2
Vout +
O
Power output +5 Volt
J3-3
Vout -
O
Power output 0 Volt
J3-4
Vout -
O
Power output 0 Volt
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com