Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK2000A Datasheet(PDF) 10 Page - STMicroelectronics

Part # SRK2000A
Description  Synchronous rectifier smart driver for LLC resonant converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2000A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SRK2000A Datasheet HTML 6Page - STMicroelectronics SRK2000A Datasheet HTML 7Page - STMicroelectronics SRK2000A Datasheet HTML 8Page - STMicroelectronics SRK2000A Datasheet HTML 9Page - STMicroelectronics SRK2000A Datasheet HTML 10Page - STMicroelectronics SRK2000A Datasheet HTML 11Page - STMicroelectronics SRK2000A Datasheet HTML 12Page - STMicroelectronics SRK2000A Datasheet HTML 13Page - STMicroelectronics SRK2000A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Application information
SRK2000A
10/19
DocID025407 Rev 3
As VCC exceeds VCCOn, the internal current sink IEN is switched off and the enable function
is activated. The voltage on the pin is then compared to an internal reference VEN_On set at
1.8 V: if this threshold is exceeded the gate drivers GD1 and GD2 are enabled and the SR
MOSFET is operated; otherwise, the device stays in an idle condition and the SR MOSFET
in the off state.
Using the pull-up resistor RP, the voltage on the EN pin rises as IEN is switched off and tends
to VCC, therefore exceeding VEN_On and enabling the operation of both SR MOSFETs.
Essentially, this results in enabling the gate-driving as VCC exceeds VCCOn and disabling it
as VCC falls below VCCOn. This configuration is thereby recommended when SR MOSFETs
are logic level types.
6.1.2
Resistor divider configuration
To enable gate-driving with a VCC voltage higher than a predefined value VCC_G, to properly
drive a standard SR MOSFET, the EN pin is biased by a resistor divider (R1 upper resistor,
R2 lower resistor) whose value is chosen so as to exceed VEN_On when VCC = VCC_G and
also to set the desired VDVS1,2_Off level. Note that, with a falling VCC, gate-driving is
disabled at a VCC level about 2.5% lower than VCC_G, because of the 45 mV hysteresis of
the comparator.
The equations that describe the circuit in the two crucial conditions VCC = VCCOn (when the
decision of the VDVS1,2_Off level is made) and VCC = VCC_G (when gate-driving is to be
enabled) are respectively:
Figure 6. EN pin biased with a resistor divider to program the gate drive UVLO
threshold VCC_G
Equation 3
On
_
EN
G
_
CC
EN
EN
EN
CCOn
V
2
R
1
R
2
R
V
2
R
V
I
1
R
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com