Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN878 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STN878
Description  High current, high performance, low voltage NPN transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN878 Datasheet(HTML) 3 Page - STMicroelectronics

  STN878 Datasheet HTML 1Page - STMicroelectronics STN878 Datasheet HTML 2Page - STMicroelectronics STN878 Datasheet HTML 3Page - STMicroelectronics STN878 Datasheet HTML 4Page - STMicroelectronics STN878 Datasheet HTML 5Page - STMicroelectronics STN878 Datasheet HTML 6Page - STMicroelectronics STN878 Datasheet HTML 7Page - STMicroelectronics STN878 Datasheet HTML 8Page - STMicroelectronics STN878 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STD878, STN878
Electrical characteristics
Doc ID 13836 Rev 2
3/10
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = 30 V
VCB = 30 V;
TC = 100 °C
10
100
µA
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 6 V
10
µA
V(BR)CEO
(1)
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2 %
Collector-emitter
breakdown voltage
(IB = 0)
IC = 10 mA
30
V
V(BR)CBO
Collector-base
breakdown voltage
(IE = 0)
IC = 100 µA
45
V
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE = 100 µA
6
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 0.5 A
IB = 5 mA
IC = 2 A
IB = 50 mA
IC = 5 A
IB = 0.25 A
IC = 6 A
IB = 0.25 A
IC = 8 A
IB = 0.4 A
IC = 10 A
IB = 0.5 A
0.7
1
1.2
0.15
0.35
0.7
V
V
V
V
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 2 A
IB = 50 mA
IC = 6 A
IB = 0.25 A
1.2
1.1
V
V
hFE
(1)
DC current gain
IC = 10 mA
VCE = 1 V
IC = 500 mA
VCE = 1 V
IC = 5 A
VCE = 1 V
IC = 5 A
VCE = 1 V
Tc = 100 °C
IC = 8 A
VCE = 1 V
IC = 10 A
VCE = 1 V
120
100
70
200
200
100
100
55
35
300
td
tr
ts
tf
Resistive load
Delay time
Rise time
Storage time
Fall time
IC = 3 A
VCC = 20 V
IB1 = - IB2 = 60 mA
see Figure 8
180
160
250
80
220
210
300
100
ns
ns
ns
ns
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com