Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP20V60DF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP20V60DF
Description  Low thermal resistance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP20V60DF Datasheet(HTML) 1 Page - STMicroelectronics

  STGP20V60DF Datasheet HTML 1Page - STMicroelectronics STGP20V60DF Datasheet HTML 2Page - STMicroelectronics STGP20V60DF Datasheet HTML 3Page - STMicroelectronics STGP20V60DF Datasheet HTML 4Page - STMicroelectronics STGP20V60DF Datasheet HTML 5Page - STMicroelectronics STGP20V60DF Datasheet HTML 6Page - STMicroelectronics STGP20V60DF Datasheet HTML 7Page - STMicroelectronics STGP20V60DF Datasheet HTML 8Page - STMicroelectronics STGP20V60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
This is information on a product in full production.
June 2013
DocID024360 Rev 3
1/23
23
STGB20V60DF, STGP20V60DF,
STGW20V60DF, STGWT20V60DF
600 V, 20 A very high speed
trench gate field-stop IGBT
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• Maximum junction temperature: T
J
= 175 °C
• Very high speed switching series
• Tail-less switching off
• Low saturation voltage: V
CE(sat)
= 1.8 V (typ.)
@ I
C
= 20 A
• Tight parameters distribution
• Safe paralleling
• Low thermal resistance
• Very fast soft recovery antiparallel diode
• Lead free package
Applications
• Photovoltaic inverters
• Uninterruptible power supply
• Welding
• Power factor correction
• Very high frequency converters
Description
This device is an IGBT developed using an
advanced proprietary trench gate and field stop
structure. The device is part of the "V" series of
IGBTs, which represent an optimum compromise
between conduction and switching losses to
maximize the efficiency of very high frequency
converters. Furthermore, a positive V
CE(sat)
temperature coefficient and very tight parameter
distribution result in safer paralleling operation.
TO-247
TO-3P
TO-220
D²PAK
1
2
3
TAB
1
2
3
1
2
3
TAB
1
3
TAB
Table 1. Device summary
Order code
Marking
Package
Packaging
STGB20V60DF
GB20V60DF
D²PAK
Tape and reel
STGP20V60DF
GP20V60DF
TO-220
Tube
STGW20V60DF
GW20V60DF
TO-247
Tube
STGWT20V60DF
GWT20V60DF
TO-3P
Tube
www.st.com


Similar Part No. - STGP20V60DF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
600 V, 20 A very high speed trench gate field-stop IGBT
More results

Similar Description - STGP20V60DF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
M/A-COM Technology Solu...
MA4P504-1072 MA-COM-MA4P504-1072 Datasheet
677Kb / 5P
Low Thermal Resistance
logo
Sangdest Microelectroni...
ST3060DJF SMC-ST3060DJF Datasheet
131Kb / 4P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
11-Apr-2017
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
08-Apr-2014
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
Low thermal resistance
13-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com