Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGB30H60DF Datasheet(PDF) 23 Page - STMicroelectronics

Part # STGB30H60DF
Description  600 V, 30 A high speed trench gate field-stop IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB30H60DF Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STGB30H60DF Datasheet HTML 16Page - STMicroelectronics STGB30H60DF Datasheet HTML 17Page - STMicroelectronics STGB30H60DF Datasheet HTML 18Page - STMicroelectronics STGB30H60DF Datasheet HTML 19Page - STMicroelectronics STGB30H60DF Datasheet HTML 20Page - STMicroelectronics STGB30H60DF Datasheet HTML 21Page - STMicroelectronics STGB30H60DF Datasheet HTML 22Page - STMicroelectronics STGB30H60DF Datasheet HTML 23Page - STMicroelectronics STGB30H60DF Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
DocID022363 Rev 3
23/24
STGB30H60DF, STGF30H60DF, STGP30H60DF, STGW30H60DF
Revision history
6
Revision history
Table 14. Document revision history
Date
Revision
Changes
14-Oct-2011
1
Initial release.
03-Oct-2012
2
Document status promoted from target specification ti preliminary
data.
20-Mar-2013
3
Document status promoted from preliminary data to production data.
Added new root part number STGF30H60DF in TO-220FP package.
Added new root part number STGW30H60DF in TO-247 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com