Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF30H60DF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGF30H60DF
Description  600 V, 30 A high speed trench gate field-stop IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF30H60DF Datasheet(HTML) 1 Page - STMicroelectronics

  STGF30H60DF Datasheet HTML 1Page - STMicroelectronics STGF30H60DF Datasheet HTML 2Page - STMicroelectronics STGF30H60DF Datasheet HTML 3Page - STMicroelectronics STGF30H60DF Datasheet HTML 4Page - STMicroelectronics STGF30H60DF Datasheet HTML 5Page - STMicroelectronics STGF30H60DF Datasheet HTML 6Page - STMicroelectronics STGF30H60DF Datasheet HTML 7Page - STMicroelectronics STGF30H60DF Datasheet HTML 8Page - STMicroelectronics STGF30H60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
This is information on a product in full production.
March 2013
DocID022363 Rev 3
1/24
24
STGB30H60DF, STGF30H60DF,
STGP30H60DF, STGW30H60DF
600 V, 30 A high speed
trench gate field-stop IGBT
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• High speed switching
• Tight parameters distribution
• Safe paralleling
• Low thermal resistance
• Short circuit rated
• Ultrafast soft recovery antiparallel diode
Applications
• Inverter
• UPS
• PFC
Description
This device is an IGBT developed using an
advanced proprietary trench gate and field stop
structure. This IGBT series offers the optimum
compromise between conduction and switching
losses, maximizing the efficiency of very high
frequency converters. Furthermore, a positive
VCE(sat) temperature coefficient and very tight
parameter distribution result in easier paralleling
operation.
1
3
1
2
3
1
2
3
1
2
3
D²PAK
TO-220FP
TO-220
TO-247
TAB
TAB
C (2, TAB)
G (1)
E (3)
Table 1. Device summary
Order codes
Marking
Package
Packaging
STGB30H60DF
GB30H60DF
D²PAK
Tape and reel
STGF30H60DF
GF30H60DF
TO-220FP
Tube
STGP30H60DF
GP30H60DF
TO-220
STGW30H60DF
GW30H60DF
TO-247
www.st.com


Similar Part No. - STGF30H60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF30H65DFB2 STMICROELECTRONICS-STGF30H65DFB2 Datasheet
487Kb / 15P
Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a TO‑220FP package
21-May-2020
More results

Similar Description - STGF30H60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB20H60DF STMICROELECTRONICS-STGB20H60DF Datasheet
1Mb / 22P
600 V, 20 A high speed trench gate field-stop IGBT
03-Jun-2013
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
600 V, 20 A very high speed trench gate field-stop IGBT
logo
Fairchild Semiconductor
FGA3060ADF FAIRCHILD-FGA3060ADF Datasheet
1Mb / 9P
600 V, 30 A Field Stop Trench IGBT
logo
STMicroelectronics
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
STGB30H60DLFB STMICROELECTRONICS-STGB30H60DLFB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
600 V, 20 A very high speed trench gate field-stop IGBT
11-Jul-2013
STGFW30V60DF STMICROELECTRONICS-STGFW30V60DF Datasheet
1Mb / 15P
Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
31-Mar-2014
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
08-Apr-2014
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
600 V, 20 A high speed trench gate field-stop IGBT
06-Jun-2013
STGW30H60DFB STMICROELECTRONICS-STGW30H60DFB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
04-Nov-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com