Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP20V60DF Datasheet(PDF) 7 Page - STMicroelectronics

Part # GP20V60DF
Description  Low thermal resistance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GP20V60DF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button GP20V60DF Datasheet HTML 3Page - STMicroelectronics GP20V60DF Datasheet HTML 4Page - STMicroelectronics GP20V60DF Datasheet HTML 5Page - STMicroelectronics GP20V60DF Datasheet HTML 6Page - STMicroelectronics GP20V60DF Datasheet HTML 7Page - STMicroelectronics GP20V60DF Datasheet HTML 8Page - STMicroelectronics GP20V60DF Datasheet HTML 9Page - STMicroelectronics GP20V60DF Datasheet HTML 10Page - STMicroelectronics GP20V60DF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DocID024360 Rev 3
7/23
STGB20V60DF, STGP20V60DF, STGW20V60DF, STGWT20V60DF
Electrical characteristics
Figure 8. Collector current vs. switching
frequency
Figure 9. Forward bias safe operating area
Figure 10. Transfer characteristics
Figure 11. Diode VF vs. forward current
Figure 12. Normalized VGE(th) vs. junction
temperature
Figure 13. Normalized BVCES vs. junction
temperature
AM17194v1
0
10
20
30
40
50
60
70
1
10
f (kHz)
Ic [A]
rectangular current shape,
(duty cycle=0.5, Vcc= 400V Rg=4.7ohm,Vge=0/15V, Tj=175°C)
Tc = 100°C
Tc = 80°C
AM17179v1
0.01
0.1
1
10
110
100
IC (A)
VCE (V)
10 μs
100 μs
1 ms
(single pulse T
C =25 °C,
T
J <=175 °C; VGE =15 V)
AM17173v1
TJ=175°C
10
20
30
40
50
60
70
78
9
10
11
IC (A)
VGE (V)
-40°C
25°C
AM17178v1
0.8
1.2
1.6
2
2.4
10
15
20
25
30
35
VF (V)
IF (A)
T =175 °C
25°C
-40°C
J
AM17181v1
0.6
0.7
0.8
0.9
1.0
1.1
-50
0
50
100
150
VGE(th)
norm (V)
TJ(ºC)
V = 5V
GE
AM17180v1
0.9
1.0
1.1
-50
0
50
100
150
BVces
norm
(V)
TJ(ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com