Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP30V60DF Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGP30V60DF
Description  Low thermal resistance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP30V60DF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGP30V60DF Datasheet HTML 2Page - STMicroelectronics STGP30V60DF Datasheet HTML 3Page - STMicroelectronics STGP30V60DF Datasheet HTML 4Page - STMicroelectronics STGP30V60DF Datasheet HTML 5Page - STMicroelectronics STGP30V60DF Datasheet HTML 6Page - STMicroelectronics STGP30V60DF Datasheet HTML 7Page - STMicroelectronics STGP30V60DF Datasheet HTML 8Page - STMicroelectronics STGP30V60DF Datasheet HTML 9Page - STMicroelectronics STGP30V60DF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical characteristics
STGB30V60DF, STGP30V60DF, STGW30V60DF, STGWT30V60DF
6/22
DocID024361 Rev 4
Figure 8. Collector current vs. switching
frequency
Figure 9. Forward bias safe operating area
Figure 10. Transfer characteristics
Figure 11. Diode VF vs. forward current
Figure 12. Normalized VGE(th) vs junction
temperature
Figure 13. Normalized V(BR)CES vs. junction
temperature
IC
40
30
10
0
1
(A)
10
50
60
f(kHz)
20
70
80
TC=80°C
TC=100°C
rectangular current shape,
(duty cycle=0.5, Vcc= 400V Rg=10Ω,
Vge=0/15V, Tj=175 °C)
AM17415v1
IC
100
10
0.1
0.01
1
(A)
10
VCE(V)
1
10μs
100μs
1ms
100
Single pulse, Tc=25°C
Tj<175°C, VGE=15V
AM17416v1
IC
80
60
20
0
7
(A)
8
VGE(V)
40
Tj=175°C
Tj=25°C
Tj=-40°C
9
100
10
11
AM17417v1
VF
1.9
1.1
10
(A)
20
IF(A)
1.5
Tj=175°C
Tj=25°C
Tj=-40°C
30
2.3
40
50
60
AM17418v1
VGE(th)
0.8
0.6
-50
(norm)
TC(°C)
0.7
0
0.9
1.0
50
100
150
VCE=VGE
IC=1mA
AM17419v1
V(BR)CES
1.1
0.9
-50
(norm)
TC(°C)
1.0
0
50
100
150
IC=2mA
AM17420v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com