Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP30V60DF Datasheet(PDF) 4 Page - STMicroelectronics

Part # GP30V60DF
Description  Low thermal resistance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GP30V60DF Datasheet(HTML) 4 Page - STMicroelectronics

  GP30V60DF Datasheet HTML 1Page - STMicroelectronics GP30V60DF Datasheet HTML 2Page - STMicroelectronics GP30V60DF Datasheet HTML 3Page - STMicroelectronics GP30V60DF Datasheet HTML 4Page - STMicroelectronics GP30V60DF Datasheet HTML 5Page - STMicroelectronics GP30V60DF Datasheet HTML 6Page - STMicroelectronics GP30V60DF Datasheet HTML 7Page - STMicroelectronics GP30V60DF Datasheet HTML 8Page - STMicroelectronics GP30V60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Electrical characteristics
STGB30V60DF, STGP30V60DF, STGW30V60DF, STGWT30V60DF
4/22
DocID024361 Rev 4
Table 6. IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d(on)
Turn-on delay time
V
CE
= 400 V, I
C
= 30 A,
R
G
= 10
Ω, V
GE
= 15 V,
see
Figure 28
-45
-
ns
t
r
Current rise time
-
16
-
ns
(di/dt)
on
Turn-on current slope
-
1500
-
A/μs
t
d
(
off
)
Turn-off delay time
-
189
-
ns
t
f
Current fall time
-
19
-
ns
E
on
(1)
1.
Energy losses include reverse recovery of the diode.
Turn-on switching losses
-
383
-
μJ
E
off
(2)
2.
Turn-off losses include also the tail of the collector current.
Turn-off switching losses
-
233
-
μJ
E
ts
Total switching losses
-
616
-
μJ
t
d(on)
Turn-on delay time
V
CE
= 400 V, I
C
= 30 A,
R
G
= 10
Ω, V
GE
= 15 V,
T
J
= 175 °C, see
Figure 28
-42
-
ns
t
r
Current rise time
-
17
-
ns
(di/dt)
on
Turn-on current slope
-
1337
-
A/μs
t
d
(
off
)
Turn-off delay time
-
193
-
ns
t
f
Current fall time
-
32
-
ns
E
on
(1)
Turn-on switching losses
-
794
-
μJ
E
off
(2)
Turn-off switching losses
-
378
-
μJ
E
ts
Total switching losses
-
1172
-
μJ
Table 7. Diode switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
rr
Reverse recovery time
I
F
= 30 A, V
R
= 400 V,
di/dt=1000 A/μs
,
V
GE
= 15 V,
(see
Figure 28)
-53
-
ns
Q
rr
Reverse recovery charge
-
384
-
nC
I
rrm
Reverse recovery current
-
14.5
-
A
dI
rr/
/dt
Peak rate of fall of reverse
recovery current during t
b
-
788
-
A/μs
E
rr
Reverse recovery energy
-
104
-
μJ
t
rr
Reverse recovery time
I
F
= 30 A, V
R
= 400 V,
di/dt=1000 A/μs
,
V
GE
= 15 V,
T
J
= 175 °C, (see
Figure 28)
-
104
-
ns
Q
rr
Reverse recovery charge
-
1352
-
nC
I
rrm
Reverse recovery current
-
26
-
A
dI
rr/
/dt
Peak rate of fall of reverse
recovery current during t
b
-
310
-
A/μs
E
rr
Reverse recovery energy
-
407
-
μJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com