Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW30V60DF Datasheet(PDF) 1 Page - STMicroelectronics

Part # GW30V60DF
Description  Low thermal resistance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GW30V60DF Datasheet(HTML) 1 Page - STMicroelectronics

  GW30V60DF Datasheet HTML 1Page - STMicroelectronics GW30V60DF Datasheet HTML 2Page - STMicroelectronics GW30V60DF Datasheet HTML 3Page - STMicroelectronics GW30V60DF Datasheet HTML 4Page - STMicroelectronics GW30V60DF Datasheet HTML 5Page - STMicroelectronics GW30V60DF Datasheet HTML 6Page - STMicroelectronics GW30V60DF Datasheet HTML 7Page - STMicroelectronics GW30V60DF Datasheet HTML 8Page - STMicroelectronics GW30V60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
October 2013
DocID024361 Rev 4
1/22
22
STGB30V60DF, STGP30V60DF,
STGW30V60DF, STGWT30V60DF
Trench gate field-stop IGBT, V series
600 V, 30 A very high speed
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• Maximum junction temperature: T
J
= 175 °C
• Tail-less switching off
• V
CE(sat)
= 1.85 V (typ.) @ I
C
= 30 A
• Tight parameters distribution
• Safe paralleling
• Low thermal resistance
• Very fast soft recovery antiparallel diode
Applications
• Photovoltaic inverters
• Uninterruptible power supply
• Welding
• Power factor correction
• Very high frequency converters
Description
This device is an IGBT developed using an
advanced proprietary trench gate field stop
structure. The device is part of the V series of
IGBTs, which represent an optimum compromise
between conduction and switching losses to
maximize the efficiency of very high frequency
converters. Furthermore, a positive V
CE(sat)
temperature coefficient and very tight parameter
distribution result in safer paralleling operation.
C (2, TAB)
G (1)
E (3)
TO-247
TO-3P
1
2
3
1
2
3
1
3
TAB
D²PAK
1
2
3
TAB
TO-220
TAB
Table 1. Device summary
Order codes
Marking
Package
Packaging
STGB30V60DF
GB30V60DF
D²PAK
Tape and reel
STGP30V60DF
GP30V60DF
TO-220
Tube
STGW30V60DF
GW30V60DF
TO-247
Tube
STGWT30V60DF
GWT30V60DF
TO-3P
Tube
www.st.com


Similar Part No. - GW30V60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GW30N120KD STMICROELECTRONICS-GW30N120KD Datasheet
359Kb / 13P
30 A - 1200 V - short circuit rugged IGBT
18-Jun-2008
logo
Shenzhen Luguang Electr...
GW30N135F1 LUGUANG-GW30N135F1 Datasheet
1Mb / 8P
1350V /30A Trench Field Stop IGBT
Revision:20201218-P1
logo
STMicroelectronics
GW30N90D STMICROELECTRONICS-GW30N90D Datasheet
159Kb / 10P
N-channel 900V - 30A - TO-247 Very fast PowerMESH IGBT
19-Jul-2006
GW30NC120HD STMICROELECTRONICS-GW30NC120HD Datasheet
109Kb / 9P
N-CHANNEL 30A - 1200V - TO-247 VERY FAST PowerMESH-TM IGBT
14-Nov-2005
GW30NC120HD STMICROELECTRONICS-GW30NC120HD Datasheet
295Kb / 13P
N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT
26-Jan-2007
More results

Similar Description - GW30V60DF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
M/A-COM Technology Solu...
MA4P504-1072 MA-COM-MA4P504-1072 Datasheet
677Kb / 5P
Low Thermal Resistance
logo
Sangdest Microelectroni...
ST3060DJF SMC-ST3060DJF Datasheet
131Kb / 4P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
11-Apr-2017
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
08-Apr-2014
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
Low thermal resistance
13-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com