Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGFW20V60DF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGFW20V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW20V60DF Datasheet(HTML) 1 Page - STMicroelectronics

  STGFW20V60DF Datasheet HTML 1Page - STMicroelectronics STGFW20V60DF Datasheet HTML 2Page - STMicroelectronics STGFW20V60DF Datasheet HTML 3Page - STMicroelectronics STGFW20V60DF Datasheet HTML 4Page - STMicroelectronics STGFW20V60DF Datasheet HTML 5Page - STMicroelectronics STGFW20V60DF Datasheet HTML 6Page - STMicroelectronics STGFW20V60DF Datasheet HTML 7Page - STMicroelectronics STGFW20V60DF Datasheet HTML 8Page - STMicroelectronics STGFW20V60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
February 2017
DocID026148 Rev 2
1/15
This is information on a product in full production.
www.st.com
STGFW20V60DF
Trench gate field-stop IGBT, V series
600 V, 20 A very high speed
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Maximum junction temperature: TJ = 175 °C
Very high speed switching series
Tail-less switching off
VCE(sat) = 1.8 V (typ.) @ IC = 20 A
Tight parameters distribution
Safe paralleling
Low thermal resistance
Very fast soft recovery antiparallel diode
Lead free package
Applications
Photovoltaic inverters
Uninterruptible power supply
Welding
Power factor correction
Very high frequency converters
Description
This device is an IGBT developed using an
advanced proprietary trench gate field-stop
structure. The device is part of the V series
IGBTs, which represent an optimum compromise
between conduction and switching losses to
maximize the efficiency of very high frequency
converters. Furthermore, the positive VCE(sat)
temperature coefficient and very tight parameter
distribution result in safer paralleling operation.
Table 1: Device summary
Order code
Marking
Package
Packing
STGFW20V60DF
G20V60DF
TO-3PF
Tube
1
2
3
TO-3PF
C (2)
G (1)
E (3)
Sc12850_no_tab


Similar Part No. - STGFW20V60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
600 V, 20 A very high speed trench gate field-stop IGBT
11-Jul-2013
More results

Similar Description - STGFW20V60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60V60DF STMICROELECTRONICS-STGW60V60DF Datasheet
1Mb / 16P
Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
21-Oct-2013
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGB20V60F STMICROELECTRONICS-STGB20V60F Datasheet
1Mb / 18P
600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
STGB40V60F STMICROELECTRONICS-STGB40V60F Datasheet
1Mb / 24P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
23-Apr-2014
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
600 V, 20 A very high speed trench gate field-stop IGBT
11-Jul-2013
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
08-Apr-2014
STGFW40V60DF STMICROELECTRONICS-STGFW40V60DF Datasheet
1Mb / 21P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
23-Apr-2014
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
600 V, 20 A high speed trench gate field-stop IGBT
06-Jun-2013
STGW40V60DLF STMICROELECTRONICS-STGW40V60DLF Datasheet
1Mb / 17P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
21-Oct-2013
STGW60V60DF STMICROELECTRONICS-STGW60V60DF_V01 Datasheet
1Mb / 20P
Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
28-Sep-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com