Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGFW30V60DF Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGFW30V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW30V60DF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGFW30V60DF Datasheet HTML 3Page - STMicroelectronics STGFW30V60DF Datasheet HTML 4Page - STMicroelectronics STGFW30V60DF Datasheet HTML 5Page - STMicroelectronics STGFW30V60DF Datasheet HTML 6Page - STMicroelectronics STGFW30V60DF Datasheet HTML 7Page - STMicroelectronics STGFW30V60DF Datasheet HTML 8Page - STMicroelectronics STGFW30V60DF Datasheet HTML 9Page - STMicroelectronics STGFW30V60DF Datasheet HTML 10Page - STMicroelectronics STGFW30V60DF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID026149 Rev 1
7/15
STGFW30V60DF
Electrical characteristics
Figure 8. Transfer characteristics
Figure 9. Diode VF vs. forward current
Figure 10. Normalized VGE(th) vs junction
temperature
Figure 11. Normalized V(BR)CES vs. junction
temperature
Figure 12. Capacitance variations
Figure 13. Gate charge vs. gate-emitter voltage
IC
80
60
20
0
7
(A)
8
VGE(V)
40
Tj=175°C
Tj=25°C
Tj=-40°C
9
100
10
11
VCE = 10 V
AM17417v1
VF
1.9
1.1
10
(A)
20
IF(A)
1.5
Tj=175°C
Tj=25°C
Tj=-40°C
30
2.3
40
50
60
AM17418v1
VGE(th)
0.8
0.6
-50
(norm)
TC(°C)
0.7
0
0.9
1.0
50
100
150
VCE=VGE
IC=1mA
AM17419v1
V(BR)CES
1.1
0.9
-50
(norm)
TC(°C)
1.0
0
50
100
150
IC=2mA
AM17420v1
C(pF)
10
0.1
VCE(V)
1000
1
10
100
10000
Cies
Coes
Cres
AM17421v1
VGE(V)
0
0
Qg(nC)
50
100
2
150 175
4
6
8
10
12
14
16
25
125
75
VCC = 480 V
IC = 30 A
AM17422v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com