Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGFW40H65FB Datasheet(PDF) 20 Page - STMicroelectronics

Part # STGFW40H65FB
Description  Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW40H65FB Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STGFW40H65FB Datasheet HTML 13Page - STMicroelectronics STGFW40H65FB Datasheet HTML 14Page - STMicroelectronics STGFW40H65FB Datasheet HTML 15Page - STMicroelectronics STGFW40H65FB Datasheet HTML 16Page - STMicroelectronics STGFW40H65FB Datasheet HTML 17Page - STMicroelectronics STGFW40H65FB Datasheet HTML 18Page - STMicroelectronics STGFW40H65FB Datasheet HTML 19Page - STMicroelectronics STGFW40H65FB Datasheet HTML 20Page - STMicroelectronics STGFW40H65FB Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
STGFW40H65FB, STGW40H65FB,
STGWA40H65FB, STGWT40H65FB
20/21
DocID025171 Rev 7
5
Revision history
Table 11: Document revision history
Date
Revision
Changes
30-Aug-2013
1
Initial release
11-Sep-2013
2
Document status changed from preliminary to production data. Inserted
Section 2.1: Electrical characteristics (curves).
28-Feb-2014
3
Updated title and description in cover page.
05-Mar-2014
4
Updated units in Table 6: Switching characteristics (inductive load).
11-Apr-2014
5
Added part number and references for the device in a TO-3PF
package.
03-Nov-2016
6
Added device in TO-247 long leads and updated the document
accordingly.
Updated Section 2.1: Electrical characteristics (curves) and Section
4.3: TO-247 long leads, package information.
Minor text changes.
21-Mar-2017
7
Updated Table 1: "Device summary".
Added Figure 26: "Thermal impedance for TO-3PF".
Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com