Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGFW40V60DF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGFW40V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW40V60DF Datasheet(HTML) 1 Page - STMicroelectronics

  STGFW40V60DF Datasheet HTML 1Page - STMicroelectronics STGFW40V60DF Datasheet HTML 2Page - STMicroelectronics STGFW40V60DF Datasheet HTML 3Page - STMicroelectronics STGFW40V60DF Datasheet HTML 4Page - STMicroelectronics STGFW40V60DF Datasheet HTML 5Page - STMicroelectronics STGFW40V60DF Datasheet HTML 6Page - STMicroelectronics STGFW40V60DF Datasheet HTML 7Page - STMicroelectronics STGFW40V60DF Datasheet HTML 8Page - STMicroelectronics STGFW40V60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
April 2014
DocID024402 Rev 8
1/21
21
STGFW40V60DF, STGW40V60DF,
STGWT40V60DF
Trench gate field-stop IGBT, V series
600 V, 40 A very high speed
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Maximum junction temperature: TJ = 175 °C
• Tail-less switching off
• VCE(sat) = 1.8 V (typ.) @ IC = 40 A
• Tight parameters distribution
• Safe paralleling
• Low thermal resistance
• Very fast soft recovery antiparallel diode
Applications
• Photovoltaic inverters
• Uninterruptible power supply
• Welding
• Power factor correction
• Very high frequency converters
Description
This device is an IGBT developed using an
advanced proprietary trench gate field-stop
structure. The device is part of the V series of
IGBTs, which represent an optimum compromise
between conduction and switching losses to
maximize the efficiency of very high frequency
converters. Furthermore, a positive VCE(sat)
temperature coefficient and very tight parameter
distribution result in safer paralleling operation.
TO-3PF
TO-3P
1
2
3
TAB
1
1
1
1
2
3
TO-247
1
2
3
C (2, TAB)
E (3)
G (1)
Table 1. Device summary
Order code
Marking
Package
Packaging
STGFW40V60DF
GFW40V60DF
TO-3PF
Tube
STGW40V60DF
GW40V60DF
TO-247
Tube
STGWT40V60DF
GWT40V60DF
TO-3P
Tube
www.st.com


Similar Part No. - STGFW40V60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGFW40V60F STMICROELECTRONICS-STGFW40V60F Datasheet
1Mb / 24P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
23-Apr-2014
More results

Similar Description - STGFW40V60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60V60DF STMICROELECTRONICS-STGW60V60DF Datasheet
1Mb / 16P
Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
21-Oct-2013
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGB40V60F STMICROELECTRONICS-STGB40V60F Datasheet
1Mb / 24P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
23-Apr-2014
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
14-Feb-2017
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
600 V, 20 A very high speed trench gate field-stop IGBT
11-Jul-2013
STGFW30V60DF STMICROELECTRONICS-STGFW30V60DF Datasheet
1Mb / 15P
Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
31-Mar-2014
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
08-Apr-2014
STGFW80V60F STMICROELECTRONICS-STGFW80V60F Datasheet
1Mb / 19P
Trench gate field-stop IGBT, V series 600 V, 80 A very high speed
22-May-2014
STGW40V60DLF STMICROELECTRONICS-STGW40V60DLF Datasheet
1Mb / 17P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
21-Oct-2013
STGW60V60DF STMICROELECTRONICS-STGW60V60DF_V01 Datasheet
1Mb / 20P
Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
28-Sep-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com