Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWT30V60F Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGWT30V60F
Description  Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT30V60F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGWT30V60F Datasheet HTML 5Page - STMicroelectronics STGWT30V60F Datasheet HTML 6Page - STMicroelectronics STGWT30V60F Datasheet HTML 7Page - STMicroelectronics STGWT30V60F Datasheet HTML 8Page - STMicroelectronics STGWT30V60F Datasheet HTML 9Page - STMicroelectronics STGWT30V60F Datasheet HTML 10Page - STMicroelectronics STGWT30V60F Datasheet HTML 11Page - STMicroelectronics STGWT30V60F Datasheet HTML 12Page - STMicroelectronics STGWT30V60F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DocID025005 Rev 4
9/19
STGFW30V60F, STGW30V60F, STGWT30V60F
Electrical characteristics
Figure 20. Switching times vs. collector current
Figure 21. Switching times vs. gate resistance
Figure 22. Transfer characteristics
t(ns)
0
IC(A)
10
20
10
30
40
VCC=400V,
Tj=175°C,
VGE=15V
Rg=10Ω
tdoff
tdon
100
tf
tr
50
60
AM17427v1
t(ns)
0
Rg(Ω)
10
20
10
30
40
VCC=400V,
Tj=175°C,
VGE=15V
IC=30A
tdoff
tdon
100
tr
tf
1000
AM17428v1
IC
80
60
20
0
7
(A)
8
VGE(V)
40
Tj=175°C
Tj=25°C
Tj=-40°C
9
100
10
11
VCE = 10V
AM17417v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com