Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGFW80V60F Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGFW80V60F
Description  Trench gate field-stop IGBT, V series 600 V, 80 A very high speed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW80V60F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGFW80V60F Datasheet HTML 9Page - STMicroelectronics STGFW80V60F Datasheet HTML 10Page - STMicroelectronics STGFW80V60F Datasheet HTML 11Page - STMicroelectronics STGFW80V60F Datasheet HTML 12Page - STMicroelectronics STGFW80V60F Datasheet HTML 13Page - STMicroelectronics STGFW80V60F Datasheet HTML 14Page - STMicroelectronics STGFW80V60F Datasheet HTML 15Page - STMicroelectronics STGFW80V60F Datasheet HTML 16Page - STMicroelectronics STGFW80V60F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DocID026386 Rev 1
13/19
STGFW80V60F, STGW80V60F, STGWT80V60F
Package mechanical data
Table 7. TO-3PF mechanical data
Dim.
mm
Min.
Typ.
Max.
A5.30
5.70
C2.80
3.20
D3.10
3.50
D1
1.80
2.20
E0.80
1.10
F0.65
0.95
F2
1.80
2.20
G10.30
11.50
G1
5.45
H
15.30
15.70
L
9.80
10
10.20
L2
22.80
23.20
L3
26.30
26.70
L4
43.20
44.40
L5
4.30
4.70
L6
24.30
24.70
L7
14.60
15
N1.80
2.20
R3.80
4.20
Dia
3.40
3.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com