Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW80V60F Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGW80V60F
Description  Trench gate field-stop IGBT, V series 600 V, 80 A very high speed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW80V60F Datasheet(HTML) 2 Page - STMicroelectronics

  STGW80V60F Datasheet HTML 1Page - STMicroelectronics STGW80V60F Datasheet HTML 2Page - STMicroelectronics STGW80V60F Datasheet HTML 3Page - STMicroelectronics STGW80V60F Datasheet HTML 4Page - STMicroelectronics STGW80V60F Datasheet HTML 5Page - STMicroelectronics STGW80V60F Datasheet HTML 6Page - STMicroelectronics STGW80V60F Datasheet HTML 7Page - STMicroelectronics STGW80V60F Datasheet HTML 8Page - STMicroelectronics STGW80V60F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Contents
STGFW80V60F, STGW80V60F, STGWT80V60F
2/19
DocID026386 Rev 1
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Test circuits
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
4.1
TO-3PF, STGFW80V60F . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
4.2
TO-247, STGW80V60F . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
4.3
TO-3P, STGWT80V60F . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
5
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com