Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWA25M120DF3 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGWA25M120DF3
Description  Trench gate field-stop IGBT, M series 1200 V, 25 A low loss
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA25M120DF3 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGWA25M120DF3 Datasheet HTML 5Page - STMicroelectronics STGWA25M120DF3 Datasheet HTML 6Page - STMicroelectronics STGWA25M120DF3 Datasheet HTML 7Page - STMicroelectronics STGWA25M120DF3 Datasheet HTML 8Page - STMicroelectronics STGWA25M120DF3 Datasheet HTML 9Page - STMicroelectronics STGWA25M120DF3 Datasheet HTML 10Page - STMicroelectronics STGWA25M120DF3 Datasheet HTML 11Page - STMicroelectronics STGWA25M120DF3 Datasheet HTML 12Page - STMicroelectronics STGWA25M120DF3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DocID026223 Rev 2
9/18
STGW25M120DF3, STGWA25M120DF3
Electrical characteristics
Figure 20. Short-circuit time and current vs. VGE Figure 21. Switching times vs. collector current
Figure 22. Switching times vs. gate resistance
Figure 23.Reverse recovery current vs. diode
current slope
Figure 24. Reverse recovery time vs. diode
current slope
Figure 25.Reverse recovery charge vs. diode
current slope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com