Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWA35HF60WDI Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGWA35HF60WDI
Description  35 A, 600 V ultrafast IGBT with low drop diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA35HF60WDI Datasheet(HTML) 3 Page - STMicroelectronics

  STGWA35HF60WDI Datasheet HTML 1Page - STMicroelectronics STGWA35HF60WDI Datasheet HTML 2Page - STMicroelectronics STGWA35HF60WDI Datasheet HTML 3Page - STMicroelectronics STGWA35HF60WDI Datasheet HTML 4Page - STMicroelectronics STGWA35HF60WDI Datasheet HTML 5Page - STMicroelectronics STGWA35HF60WDI Datasheet HTML 6Page - STMicroelectronics STGWA35HF60WDI Datasheet HTML 7Page - STMicroelectronics STGWA35HF60WDI Datasheet HTML 8Page - STMicroelectronics STGWA35HF60WDI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STGW35HF60WDI
Electrical ratings
Doc ID 16090 Rev 3
3/15
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-247
TO-247 long leads
VCES
Collector-emitter voltage (VGE = 0)
600
V
IC
(1)
1.
Calculated according to the iterative formula:
Continuous collector current at TC = 25 °C
60
70
A
IC
(1)
Continuous collector current at TC = 100 °C
35
40
A
ICL
(2)
2.
Pulse width limited by maximum junction temperature and turn-off within RBSOA
Turn-off latching current
80
A
ICP
(3)
3.
VCLAMP = 80% (VCES), VGE = 15 V, RG = 10 Ω, TJ = 150 °C
Pulsed collector current
150
A
VGE
Gate-emitter voltage
± 20
V
IF
Diode RMS forward current at TC = 25 °C
30
A
IFSM
Surge non repetitive forward current tp= 10 ms
sinusoidal
130
A
PTOT
Total dissipation at TC = 25 °C
200
260
W
Tstg
Storage temperature
– 55 to 150
°C
Tj
Operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-247
TO-247 long leads
Rthj-case
Thermal resistance junction-case IGBT
0.63
0.48
°C/W
Thermal resistance junction-case diode
1.5
°C/W
Rthj-amb
Thermal resistance junction-ambient
50
°C/W
I
C TC
()
T
jmax
() TC
–
R
thj
c
–
V
CE sat
() max
() Tjmax
() IC TC
()
,
()
×
----------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com