Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWT30H60DFB Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGWT30H60DFB
Description  Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT30H60DFB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGWT30H60DFB Datasheet HTML 2Page - STMicroelectronics STGWT30H60DFB Datasheet HTML 3Page - STMicroelectronics STGWT30H60DFB Datasheet HTML 4Page - STMicroelectronics STGWT30H60DFB Datasheet HTML 5Page - STMicroelectronics STGWT30H60DFB Datasheet HTML 6Page - STMicroelectronics STGWT30H60DFB Datasheet HTML 7Page - STMicroelectronics STGWT30H60DFB Datasheet HTML 8Page - STMicroelectronics STGWT30H60DFB Datasheet HTML 9Page - STMicroelectronics STGWT30H60DFB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical characteristics
STGW30H60DFB, STGWA30H60DFB, STGWT30H60DFB
6/20
DocID026676 Rev 3
2.1
Electrical characteristics (curve)
Figure 2. Power dissipation vs. case
temperature
Figure 3. Collector current vs. case temperature
Ptot
150
100
0
0
50
TC(°C)
75
(W)
25
100 125 150
50
200
175
250
VGE ≥ 15V, TJ ≤ 175 °C
GIPG280120141353FSR
IC
60
40
20
0
0
50
TC(°C)
75
(A)
25
100 125 150
VGE ≥ 15V, TJ ≤ 175 °C
GIPG280120141346FSR
Figure 4. Output characteristics (TJ = 25°C)
Figure 5. Output characteristics (TJ = 175°C)
IC
60
40
20
0
0
2
VCE(V)
4
(A)
13
80
100
11V
VGE =15 V
9V
13V
GIPG280120141156FSR
IC
60
40
20
0
0
2
VCE(V)
4
(A)
13
80
100
11V
VGE =15 V
9V
13V
7V
GIPG280120141206FSR
Figure 6. VCE(sat) vs. junction temperature
Figure 7. VCE(sat) vs. collector current
VCE(sat)
1.8
1.6
1.4
1.2
-50
0
TJ(°C)
(V)
50
100
150
2.2
2.0
VGE= 15V
IC= 60A
IC= 30A
IC= 15A
GIPG280120141440FSR
VCE(sat)
1.6
1.4
1.2
0
30
IC(A)
(V)
45
60
2.2
2.0
1.8
VGE= 15V
TJ= 175°C
TJ= 25°C
TJ= -40°C
2.4
GIPG280120141446FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com