Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGW80V60DF Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGW80V60DF
Description  Low thermal resistance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW80V60DF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGW80V60DF Datasheet HTML 4Page - STMicroelectronics STGW80V60DF Datasheet HTML 5Page - STMicroelectronics STGW80V60DF Datasheet HTML 6Page - STMicroelectronics STGW80V60DF Datasheet HTML 7Page - STMicroelectronics STGW80V60DF Datasheet HTML 8Page - STMicroelectronics STGW80V60DF Datasheet HTML 9Page - STMicroelectronics STGW80V60DF Datasheet HTML 10Page - STMicroelectronics STGW80V60DF Datasheet HTML 11Page - STMicroelectronics STGW80V60DF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
STGW80V60DF, STGWT80V60DF
8/18
DocID024362 Rev 2
Figure 8. Collector current vs. switching
frequency
Figure 9. Forward bias safe operating area
Figure 10. Transfer characteristics
Figure 11. Diode VF vs. forward current
Figure 12. Normalized VGE(th) vs junction
temperature
Figure 13. Normalized V(BR)CES vs. junction
temperature
0
40
80
120
160
110
Ic [A]
f [kHz]
G
Ω
rectangular current shape,
(duty cycle=0.5, V
CC = 400V, R =4.7
,
V
GE = 0/15 V, TJ =175°C)
Tc=80°C
Tc=100 °C
GIPD041120131144FSR
IC
100
10
1
1
VCE(V)
(A)
10
10 μs
100 μs
1 ms
Single pulse
Tc= 25°C, TJ<= 175°C
VGE= 15V
100
GIPD041120131152FSR
IC
120
80
40
0
67
VGE(V)
(A)
89
TJ=175°C
TJ=-40°C
TJ=25°C
VCE=5V
GIPD041120131324FSR
VF
2
1.6
1.2
0.8
20
IF(A)
(V)
40
TJ= 175°C
60
80
100
TJ= 25°C
TJ= -40°C
120 140
2.4
GIPD041120131336FSR
VGE(th)
1.1
1.0
0.6
-50
TJ(°C)
(norm)
0
50
100
150
IC= 1mA
VCE= VGE
0.7
0.8
0.9
GIPD041120131351FSR
V(BR)CES
1.1
1.0
0.9
-50
TJ(°C)
(norm)
0
50
100
150
IC= 2mA
GIPD041120131353FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com