Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP3NK80Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP3NK80Z
Description  N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3NK80Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP3NK80Z Datasheet HTML 1Page - STMicroelectronics STP3NK80Z Datasheet HTML 2Page - STMicroelectronics STP3NK80Z Datasheet HTML 3Page - STMicroelectronics STP3NK80Z Datasheet HTML 4Page - STMicroelectronics STP3NK80Z Datasheet HTML 5Page - STMicroelectronics STP3NK80Z Datasheet HTML 6Page - STMicroelectronics STP3NK80Z Datasheet HTML 7Page - STMicroelectronics STP3NK80Z Datasheet HTML 8Page - STMicroelectronics STP3NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
September 2003
STP3NK80Z - STF3NK80Z
STD3NK80Z - STD3NK80Z-1
N-CHANNEL 800V - 3.8
Ω - 2.5A TO-220/FP/DPAK/IPAK
Zener-Protected SuperMESH™ Power MOSFET
s
TYPICAL RDS(on) = 3.8 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
s
LIGHTING
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP3NK80Z
STF3NK80Z
STD3NK80Z
STD3NK80Z-1
800 V
800 V
800 V
800 V
< 4.5
Ω
< 4.5
Ω
< 4.5
Ω
< 4.5
Ω
2.5 A
2.5 A
2.5 A
2.5 A
70 W
25 W
70 W
70 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP3NK80Z
P3NK80Z
TO-220
TUBE
STF3NK80Z
F3NK80Z
TO-220FP
TUBE
STD3NK80ZT4
D3NK80Z
DPAK
TAPE & REEL
STD3NK80Z-1
D3NK80Z
IPAK
TUBE
TO-220
TO-220FP
1
2
3
DPAK
1
3
3
2
1
IPAK
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP3NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NK80Z STMICROELECTRONICS-STP3NK80Z Datasheet
537Kb / 18P
N-channel 800V - 3.8Ω - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
10-Aug-2006
STP3NK80Z STMICROELECTRONICS-STP3NK80Z Datasheet
888Kb / 18P
N-channel 800 V, 3.8 Ω, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH™Power MOSFET
07-Sep-2009
STP3NK80Z STMICROELECTRONICS-STP3NK80Z Datasheet
1Mb / 29P
N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
06-Apr-2017
logo
Inchange Semiconductor ...
STP3NK80Z ISC-STP3NK80Z Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP3NK80Z STMICROELECTRONICS-STP3NK80Z_06 Datasheet
537Kb / 18P
N-channel 800V - 3.8Ω - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
10-Aug-2006
More results

Similar Description - STP3NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5NK50Z STMICROELECTRONICS-STB5NK50Z Datasheet
618Kb / 14P
N-CHANNEL500V-1.22ohm-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
Apr-2003
STP3NK60Z STMICROELECTRONICS-STP3NK60Z Datasheet
755Kb / 15P
N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Jul-2003
STP4NK60Z STMICROELECTRONICS-STP4NK60Z Datasheet
759Kb / 16P
N-CHANNEL600V-1.76ohm-4ATO-220/FP/DPAK/IPAK/D2PAK/I2PAK Zener-Protected SuperMESH™ Power MOSFET
Mar-2003
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1 Datasheet
447Kb / 14P
N-CHANNEL500V-1.22W-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH Power MOSFET
Apr-2003
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
16-Aug-2006
STP3NK80Z STMICROELECTRONICS-STP3NK80Z_06 Datasheet
537Kb / 18P
N-channel 800V - 3.8Ω - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
10-Aug-2006
STP5NK52ZD STMICROELECTRONICS-STP5NK52ZD Datasheet
396Kb / 17P
N-channel 520V - 1.22Ω - 4.4A - TO-220 - DPAK - I2PAK - IPAK Zener-protected SuperMESH??Power MOSFET
23-Mar-2006
STD2NK90Z STMICROELECTRONICS-STD2NK90Z_06 Datasheet
604Kb / 18P
N-channel 900V - 5Ω - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
27-Jul-2006
STF3NK100Z STMICROELECTRONICS-STF3NK100Z Datasheet
430Kb / 16P
N-channel 1000V - 5.4Ω - 2.5A - TO-220 - TO-220FP - DPAK Zener-protected SuperMESH™Power MOSFET
18-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com