Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150RGVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC1150RGVT
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150RGVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC1150RGVT Datasheet HTML 9Page - Texas Instruments CC1150RGVT Datasheet HTML 10Page - Texas Instruments CC1150RGVT Datasheet HTML 11Page - Texas Instruments CC1150RGVT Datasheet HTML 12Page - Texas Instruments CC1150RGVT Datasheet HTML 13Page - Texas Instruments CC1150RGVT Datasheet HTML 14Page - Texas Instruments CC1150RGVT Datasheet HTML 15Page - Texas Instruments CC1150RGVT Datasheet HTML 16Page - Texas Instruments CC1150RGVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
Figure 5-3. SmartRF Studio User Interface
5.5
4-wire Serial Configuration and Data Interface
CC1150 is configured via a simple 4-wire SPI-compatible interface (SI, SO, SCLK and CSn) where
CC1150 is the slave. This interface is also used to read and write buffered data. All address and data
transfer on the SPI interface is done most significant bit first.
All transactions on the SPI interface start with a header byte containing a read/write bit, a burst access bit
and a 6-bit address.
During address and data transfer, the CSn pin (Chip Select, active low) must be kept low. If CSn goes
high during the access, the transfer will be cancelled. The timing for the address and data transfer on the
SPI interface is shown in Figure 5-4 with reference to Table 5-1.
When CSn is pulled low, the MCU must wait until the CC1150 SO pin goes low before starting to transfer
the header byte. This indicates that the voltage regulator has stabilized and the crystal is running. Unless
the chip is in the SLEEP or XOFF states, the SO pin will always go low immediately after taking CSn low.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
13
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com