Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366-XXX/VLA Datasheet(PDF) 196 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 196 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 192Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 193Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 194Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 195Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 196Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 197Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 198Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 199Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 200Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 240 page
background image
12.0 Temperature Sensor (TMS) (Continued)
196
www.national.com
12.2.1
Register Bank Overview
Three register banks control TMS operation. The first part of each bank is a set of registers common to all banks. The second
part of each bank contains registers which are specific to that bank. All registers use the same 16-byte address space to
indicate offsets 00h through 0Fh. The software selects the currently active bank using the Bank Select register (TMSBS) -
See Figure 42. Bank zero is the selected after reset.
Figure 42. Register Bank Architecture
12.2.2
TOS, THIGH and TLOW Limits, OTS and ALERT Output, IRQ and SMI
The temperature reading is compared to three limits: TOS,THIGH and TLOW. If the temperature reading is outside any of
these limits, the respective status bit (Channel Overtemperature Limit Exceeded, Channel Temp High Limit Exceeded or the
Channel Temp Low Limit Exceeded) in the TCHCFST register is set. The status bit stays active until it is cleared by the soft-
ware. An ALERT status bit in the TEVSTS register is set when the Channel Temp High Limit Exceeded or the Channel Temp
Low Limit Exceeded bit for the respective channel is set. The channel’s Overtemperature Event status in the TEVSTS reg-
ister is set when the Channel Overtemperature Limit Exceeded bit is set.
The OTS output is used to indicate to the system that the overtemperature limit has been exceeded. The OTS Output Enable
bit in the TCHCFST register, enables the OTS output to be active when the OTS status of the channel is active.
The ALERT output is used to indicate to the system that the current temperature is outside the high/low limits. The ALERT
output Enable bit in the TCHCFST register, enables the ALERT output to be active when the “Channel Temp High Limit
Exceeded” or the “Channel Temp Low Limit Exceeded” status bit in TCHCFST register is set.
The SMI output generates an interrupt if any enabled SMI event occurs. Each bit in the TEVSTS register has a correspond-
ing SMI Enable bit in the TEVSMI register. When any status bit and its corresponding SMI Enable bit are set the SMI output
is active.
The IRQ output generates an interrupt if any enabled IRQ event occurs. Each bit in the TEVSTS register has a correspond-
ing IRQ Enable bit in the TEVIRQ register. When any status bit and its corresponding IRQ Enable bit are set the IRQ output
is active.
.
Offset 0Eh
TMSBS (09h)
Common
Registers
All Banks
Offset 0Ah
BANK 1
BANK 0
Offset 08h
.
Offset 00h
.
.
for
BANK 2
}
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com