Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366-XXX/VLA Datasheet(PDF) 192 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 192 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 188Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 189Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 190Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 191Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 192Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 193Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 194Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 195Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 196Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 240 page
background image
11.0 Voltage Level Monitor (VLM) (Continued)
192
www.national.com
11.6 VLM REGISTER BITMAP
11.6.1
VLM Control and Status Registers
11.6.2
VLM Channel Registers
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
00h
VEVSTS0
VSB
ALARM
Event
Status
AVI6
ALARM
Event
Status
AVI5
ALARM
Event
Status
AVI4
ALARM
Event
Status
AVI3
ALARM
Event
Status
AVI2
ALARM
Event
Status
AVI1
ALARM
Event
Status
AVI0
ALARM
Event
Status
01h
VEVSTS1
Reserved
TMS3
ALERT or
OTS Event
Status
TMS2
ALERT or
OTS Event
Status
TMS1
ALERT or
OTS Event
Status
AVDD
ALARM
Event
Status
VBAT
ALARM
Event
Status
VDD
ALARM
Event
Status
02h
VEVSMI0
VSB Event
to SMI
Enable
AVI6 Event
to SMI
Enable
AVI5 Event
to SMI
Enable
AVI4 Event
to SMI
Enable
AVI3 Event
to SMI
Enable
AVI2 Event
to SMI
Enable
AVI1 Event
to SMI
Enable
AVI0 Event
to SMI
Enable
03h
VEVSMI1
Reserved
TMS3
Event to
SMI
Enable
TMS2
Event to
SMI
Enable
TMS1
Event to
SMI
Enable
AVDD
Event to
SMI
Enable
VBAT
Event to
SMI
Enable
VDD Event
to SMI
Enable
04h
VEVIRQ0
VSB Event
to IRQ
Enable
AVI6 Event
to IRQ
Enable
AVI5 Event
to IRQ
Enable
AVI4 Event
to IRQ
Enable
AVI3 Event
to IRQ
Enable
AVI2 Event
to IRQ
Enable
AVI1 Event
to IRQ
Enable
AVI0 Event
to IRQ
Enable
05h
VEVIRQ1
Reserved
TMS3
Event to
IRQ
Enable
TMS2
Event to
IRQ
Enable
TMS1
Event to
IRQ
Enable
AVDD
Event to
IRQ
Enable
VBAT
Event to
IRQ
Enable
VDD Event
to IRQ
Enable
06h
VID
CPU VID Select
Reserved
VID Value
07h
VCNVR
Reserved
Channel Delay
Conversion Period
08h
VLMCFG
Reserved
External
VREF
Standby
Mode En-
able
09h
VLMBS
Reserved
Bank Select Value
Register
Bits
Offset
Mnemonic
76543210
0Ah
(Bank
0-10)
VCHCFST
End of
Conversion
Reserved
ALARM
Output
Enable
Reserved
Channel
High Limit
Exceeded
Channel
Low Limit
Exceeded
Channel
Enable
0Ah
(Bank
11-13)
VCHCFST
End of
Conversion
Reserved
ALARM
Output
Enable
Channel
Overtemp
Limit
Exceeded
Channel
High Limit
Exceeded
Channel
Low Limit
Exceeded
Channel
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com