Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366-XXX/VLA Datasheet(PDF) 188 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 188 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 184Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 185Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 186Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 187Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 188Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 189Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 190Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 191Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 192Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 240 page
background image
11.0 Voltage Level Monitor (VLM) (Continued)
188
www.national.com
11.5.9
Voltage Conversion Rate Register (VCNVR)
This register indicates time related specification for the VLM.
Location:
Offset 07h
Type:
R/W
Bit
76543210
Name
Reserved
Channel Delay
Conversion Period
Reset
00000000
Bit
Description
7-6 Reserved
5-3 Channel Delay. These bits define the sampling delay. The sampling delay helps guarantee the accuracy
of the sampled value when switching from one channel to another.
Bits
5 4 3
Delay (
µSec)
0 0 0
40 (default)
001
80
0 1 0
160
Others
Reserved
2-0 Conversion Period. These bits define the period of time between reconversions of all enabled channels.
VBAT (channel 9) is converted at the first of every 1024 conversion periods.
Bits
2 1 0
Conversion Period
0 0 0
2 seconds (default)
0 0 1
1 second
0 1 0
0.5 seconds
0 1 1
0.1 seconds
1 0 0
0.05 seconds
1 0 1
0.02 seconds
Others
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com