Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87366-XXX/VLA Datasheet(PDF) 187 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 187 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 183Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 184Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 185Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 186Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 187Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 188Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 189Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 190Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 191Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 240 page
background image
11.0 Voltage Level Monitor (VLM) (Continued)
187
www.national.com
11.5.8
Voltage ID Register (VID)
This register indicates the configuration of the power supply regulator for the CPU(s).
Location:
Offset 06h
Type:
Varies per bit
2
AVDD Event to IRQ Enable
0: Disabled (default)
1: Enabled
1
VBAT Event to IRQ Enable
0: Disabled (default)
1: Enabled
0
VDD Event to IRQ Enable
0: Disabled (default)
1: Enabled
Bit
76543210
Name
CPU VID Select
Reserved
VID Value
Reset
0
0
0
XXXXX
Bit Type
Description
7-6 R/W CPU Voltage ID Select. This field selects which of the CPUs’ VID pins is read in the Voltage ID Value
field.
Bits
7 6
Voltage ID
0 0
CPU0 (default)
0 1
CPU1
Other Reserved
5
Reserved
4-0
RO Voltage ID Value. Returns the current value of the VID inputs selected by the “CPU VID Select field”. The
pins used for the VID field are defined by “VID0 and VID1 Route Select” bits of the SuperI/O Configuration
5 register (See Section 2.8.6).
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com